Electronic Components Datasheet Search
  English  ▼

X  

HTG1390 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HTG1390
Description  4-bit Microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG1390 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HTG1390 Datasheet HTML 1Page - Holtek Semiconductor Inc HTG1390 Datasheet HTML 2Page - Holtek Semiconductor Inc HTG1390 Datasheet HTML 3Page - Holtek Semiconductor Inc HTG1390 Datasheet HTML 4Page - Holtek Semiconductor Inc HTG1390 Datasheet HTML 5Page - Holtek Semiconductor Inc HTG1390 Datasheet HTML 6Page - Holtek Semiconductor Inc HTG1390 Datasheet HTML 7Page - Holtek Semiconductor Inc HTG1390 Datasheet HTML 8Page - Holtek Semiconductor Inc HTG1390 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Pad Description
Pad No.
Pad Name
I/O Mask Option
Function
17, 18
BZ,BZ
O
Note 1
Sound effect outputs
8
9
TEST1
TEST2
I
I
—
For test mode only
TEST1 and TEST2 are left open when the
HTG1390 is in normal operation (with an internal
pull high resistor).
5~7
COM2~COM0
O
Note 2
Output for LCD panel common plate
10~13
PS3~PS0
I
Pull-high or
None. Note 3
4-bit port for input only
16
VSS
I
—
Negative power supply, GND
15
14
OSCI
OSCO
I
O
—
OSCI,OSCO are connected to an external resistor
for an internal system clock
19~21
PA2~PA0
O
CMOS or
NMOS Open
Drain
3-bit latch port for output only
22~24
PP0~PP2
I
Pull-high or
None. Note 2
3-bit port for input only
25
RES
I
—
Input to reset an internal LSI
Reset is active on logical low level
26~52
SEG0~SEG26
O
—
LCD driver outputs for LCD panel segment
1
VDD
I
—
Positive power supply
4
V3
I
—
LCD system power 1/2 bias generated
2, 3
C1, C2
I
—
LCD system voltage booster condensor connecting
terminal
Notes: The system clock provides 6 different sources selectable by mask option to drive the sound
effect clock. If the Holtek sound library is used only 128K and 64K are acceptable.
Each bit of ports PS and PP can be a trigger source of the HALT interrupt, selectable by mask
option.
Absolute Maximum Ratings*
Supply Voltage ................................. –0.3V~5.5V
Input Voltage.....................VSS–0.3V~VDD+0.3V
Storage Temperature .................... –50°C~125°C
Operating Temperature...................... 0°C~70°C
*Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maxi-
mum Ratings” may cause substantial damage to the device. Functional operation of this
device at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
HTG1390
Preliminary
5
17th Nov ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com