Electronic Components Datasheet Search
  English  ▼

X  

REM Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # REM
Description  High ripple current, low impedance series with 7mm height.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

REM Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  REM Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION REM Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION REM Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 7
Aluminum Electrolytic Capacitors
MERITEK
REM Series
(105°C,7mmL,Low Impedance)
FEATURES
High ripple current, low impedance series with 7mm height.
SPECIFICATIONS
Item
Characteristic
Operating Temp Range
- 55 ~ +105
C
Rated Working Voltage
6.3 ~ 50VDC
Capacitance Tolerance
(120Hz 20
C)
 20%(M)
Leakage Current
(20
C)
I
 0.01CV or 3 (A)
Whichever is greater after 3 minutes
I : Leakage Current (
A)
C : Rated Capacitance(
F)
V : Working Voltage (V)
Surge Voltage
(20
C)
W.V.
6.3
10
16
25
35
50
S.V.
8
13
20
32
44
63
Dissipation Factor ( tan
 )
(120Hz 20
C)
W.V.
6.3
10
16
25
35
50
tan
0.22
0.19
0.16
0.14
0.12
0.10
Low Temperature Stability
Impedance ratio at 120Hz
Rated Voltage (V)
6.3
10
16
25
35
50
-25
C / +20C
3
3
3
2
2
2
-55
C / +20C
6
6
6
4
4
4
Load Life
After 1000 hours application of W.V. and +105
C ripple current value , the capacitor shall meet
the following limits. ( DC + ripple peak voltage
 rated working voltage )
Capacitance Change
20% of initial.
Dissipation Factor
 200% of initial specified value
Leakage Current
 initial specified value
Shelf Life
At +105
C no voltage application after 1000 hours the capacitor shall meet the limits for load life
characteristics. ( with voltage treatment )
PART NUMBER SYSTEM
DIMENSIONS (mm)
D
4
5
6.3
8
F
1.5
2.0
2.5
3.5
d
0.45
0.45
0.45
0.50
a
1.0
1.0
1.0
1.0
REM 10V
151 M TA 8x7
Meritek Series
Rated Voltage
Capacitance
Express in micro farad(uF), First two digits are
significant figures, Third digit denotes number of
zeros. ‘R’ denotes decimal point for values less
than 10uF
Tolerance
M -
20%
Package
Code
TA
TR
Blank
Tape & Ammo Tape & Reel
Case size – (D) Diameter x (L) Length in mm (Optional)


Similar Part No. - REM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
REM MSYSTEM-REM Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
REM-10 MSYSTEM-REM-10 Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
REM-100 MSYSTEM-REM-100 Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
REM-1000 MSYSTEM-REM-1000 Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
logo
Turck, Inc.
REM-101S10S-9F32B-H1151 TURCK-REM-101S10S-9F32B-H1151 Datasheet
243Kb / 3P
Absolute Rotary Encoder - Multiturn Industrial Line
11/07/2023
More results

Similar Description - REM

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
100ZL20 RUBYCON-100ZL20 Datasheet
1Mb / 7P
105C High ripple Current, Low impedance
10ZL470MEFC8X11.5 RUBYCON-10ZL470MEFC8X11.5 Datasheet
276Kb / 3P
105??High ripple current, Low impedance.
16ZL470MEFC8X16 RUBYCON-16ZL470MEFC8X16 Datasheet
276Kb / 3P
105??High ripple current, Low impedance.
50ZL100MEFC8X11.5 RUBYCON-50ZL100MEFC8X11.5 Datasheet
276Kb / 3P
105??High ripple current, Low impedance.
80ZLJ470M16X25 RUBYCON-80ZLJ470M16X25 Datasheet
251Kb / 3P
105??Miniaturized, Long Life, Low impedance, High ripple.
logo
Nichicon corporation
UHV1V101MED NICHICON-UHV1V101MED Datasheet
57Kb / 2P
High Ripple Low Impedance
logo
Surge Components
HBV SURGE-HBV Datasheet
501Kb / 3P
low esr and high ripple current
HBW SURGE-HBW Datasheet
486Kb / 3P
low esr and high ripple current
logo
Illinois Capacitor, Inc...
396UVR016MEW ILLINOISCAPACITOR-396UVR016MEW_16 Datasheet
181Kb / 2P
Low ESR, High Ripple Current
logo
Cornell Dubilier Electr...
AEB CDE-AEB Datasheet
710Kb / 7P
Low Impedance and Long Life for High Voltage, High Ripple Current Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com