Electronic Components Datasheet Search
  English  ▼

X  

REM Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # REM
Description  High ripple current, low impedance series with 7mm height.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

REM Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  REM Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION REM Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION REM Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev. 7
Aluminum Electrolytic Capacitors
MERITEK
REM Series
(105°C,7mmL,Low Impedance)
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(uF)
V
35
50
Item
DxL
IMP.
R.C.
DxL
IMP.
R.C.
20°C
-10°C
20°C
-10°C
4.7
4x7
2.760
8.280
70
4x7
2.758
8.274
90
6.8
4x7
2.385
7.154
80
5x7
2.383
7.149
110
10
5x7
0.998
2.994
110
6.3x7
0.499
1.496
150
15
5x7
0.732
2.195
140
6.3x7
0.366
1.097
180
18
6.3x7
0.638
1.913
170
6.3x7
0.319
0.956
200
22
6.3x7
0.544
1.633
180
8x7
0.272
0.816
240
27
6.3x7
0.480
1.441
200
8x7
0.240
0.720
270
33
8x7
0.423
1.270
250
8x7
0.212
0.635
290
39
8x7
0.384
1.151
270
47
8x7
0.340
1.019
300
All blank voltage on sleeve marking is the same voltage as “” point to.
Case size
: DxL
(mm)
Max. Impedance
: Ω
100kHz
Max. ripple current
: mA(rms)
105
C 100kHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com