Electronic Components Datasheet Search
  English  ▼

X  

HCPL-6531 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL-6531
Description  Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-6531 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-6531 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-6531 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-6531 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-6531 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-6531 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-6531 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-6531 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-6531 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-6531 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1-565
Electrical Characteristics (T
A = -55°C to +125°C, unless otherwise specified)
Group A[12]
Parameter
Symbol
Test Conditions
Sub-groups Min. Typ.** Max. Units Fig. Note
Current Transfer
CTR*
VO = 0.4 V, IF = 16 mA,
1, 2, 3
9
20
%
2, 3
1, 2,
Ration
VCC = 4.5 V
10
Logic High Out-
IOH
IF = 0,
1, 2, 3
5
100
µA41
put Current
IF (other channels) = 20 mA,
VO = VCC = 18 V
Output Leakage
IOLeak*IF = 250 µA,
1, 2, 3
30
250
µA41
Current
IF (other channels) = 20 mA,
VO = VCC = 18 V
Input-Output
II-O*VI-O = 1500 Vdc,
1
1.0
µA
3, 9
Insulation Leak-
RH = 45%
age Current
TA = 25°C, t = 5 s
Input Forward
VF*IF = 20 mA
1, 2, 3
1.55
1.8
V
1
1, 14
1.9
1, 13
Reverse Break-
BVR*IR = 10 µA
1, 2, 3
5
V
1, 14
3
1, 13
Logic
Single
ICCH*VCC = 18 V, IF = 0 mA
1, 2, 3
0.1
10
µA1
High
Channel
Dual
VCC = 18 V, IF = 0 mA
0.2
20
1, 4
Channel
(all channels)
Quad
VCC = 18 V, IF = 0 mA
0.4
40
1
Channel
(all channels)
Logic
Single
ICCL*VCC = 18 V, IF = 20 mA
1, 2, 3
35
200
µA51
Low
Channel
Dual
VCC = 18 V,
70
400
1, 4
Channel
IF1 = IF2 = 20 mA
Quad
VCC = 18 V, IF1 = IF2 =
140
800
1
Channel
IF3 = IF4 = 20 mA
Propagation
tPLH*RL = 8.2 kΩ,
9, 10, 11
1.0
6.0
µs
6, 9
1, 6
Delay Time to
CL = 50 pF,
Logic High
IF = 16 mA,
at Output
VCC = 5 V
Propagation
tPHL*
0.4
2.0
Delay Time to
Logic Low at
Output
*For JEDEC registered parts.
**All typical values are at VCC = 5 V, TA = 25°C.
Limits
Supply
Current
Supply
Current
down Voltage
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com