Electronic Components Datasheet Search
  English  ▼

X  

HCPL-6531 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL-6531
Description  Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-6531 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL-6531 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-6531 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-6531 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-6531 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-6531 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-6531 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-6531 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-6531 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-6531 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1-566
Typical Characteristics, TA = 25°C, VCC = 5 V
Parameter
Symbol
Typ.
Units
Test Conditions
Fig.
Note
Input Capacitance
CIN
60
pF
VF = 0 V, f = 1 MHz
1
Input Diode Temperature
∆V
F
-1.5
mV/
°CI
F = 20 mA
1
∆T
A
Resistance (Input-Output)
RI-O
1012
Ω
VI-O 500 V
3
Capacitance (Input-Output)
CI-O
1.0
pF
f = 1 MHz
1, 11
Transistor DC Current Gain
hFE
250
-
VO = 5 V, IO = 3 mA
1
Small Signal Current
∆I
O
21
%
VCC = 5 V, VO = 2 V
7
1
∆I
F
Common Mode Transient
|CMH|
1000
V/
µsI
F = 0 mA, RL = 8.2 kΩ,
10
1, 7
Immunity at Logic High
VO (min) = 2.0 V
Level Output
VCM = 10 VP-P
Common Mode Transient
|CML|
-1000
V/
µsI
F = 16 mA, RL = 8.2 kΩ,
10
1, 7
Immunity at Logic Low
VO (max) = 0.8 V
Level Output
VCM = 10 VP-P
Bandwidth
BW
9
MHz
8
8
Multi-Channel Product Only
Input-Input Insulation
II-I
1
pA
Relative Humidity = 45%
5, 9
Leakage Current
VI-I = 500 V, t = 5 s
Resistance (Input-Input)
RI-I
1012
Ω
VI-I = 500 V
5
Capacitance (Input-Input)
CI-I
0.8
pF
f = 1 MHz
5
Notes:
1. Each channel of a multi-channel device.
2. Current Transfer Ratio is defined as the ratio of output collector current, IO, to the forward LED input current, IF, times 100%.
CTR is known to degrade slightly over the unit’s lifetime as a function of input current, temperature, signal duty cycle, and system
on time. Refer to Application Note 1002 for more detail. ln short, it is recommended that designers allow at least 20-25%
guardband for CTR degradation.
3. All devices are considered two-terminal devices; measured between all input leads or terminals shorted together and all output
leads or terminals shorted together.
4. The 4N55, 4N55/883B, HCPL-6530 and HCPL-6531 dual channel parts function as two independent single channel units. Use the
single channel parameter limits. IF = 0 mA for channel under test and IF = 20 mA for other channels.
5. Measured between adjacent input pairs shorted together for each multichannel device.
6. tPHL propagation delay is measured from the 50% point on the leading edge of the input pulse to the 1.5 V point on the leading
edge of the output pulse. The tPLH propagation delay is measured from the 50% point on the trailing edge of the input pulse to the
1.5 V point on the trailing edge of the output pulse.
7. CML is the maximum rate of rise of the common mode voltage that can be sustained with the output voltage in the logic low state
(VO < 0.8 V). CMH is the maximum rate of fall of the common mode voltage that can be sustained with the output voltage in the
logic high state (VO > 2.0 V).
8. Bandwidth is the frequency at which the ac output voltage is 3 dB below the low frequency asymptote. For the HCPL-5530 the
typical bandwidth is 2 MHz.
9. This is a momentary withstand test, not an operating condition.
10. Higher CTR minimums are available to support special applications.
11. Measured between each input pair shorted together and all output connections for that channel shorted together.
12. Standard parts receive 100% testing at 25
°C (Subgroups 1 and 9). SMD and 883B parts receive 100% testing at 25, 125, and
-55
°C (Subgroups 1 and 9, 2 and 10, 3 and 11, respectively).
13. Not required for 4N55, 4N55/883B and 5962-8767901 types.
14. Required for 4N55, 4N55/883B and 5962-8767901 types only.
Coefficient
Transfer Ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com