Electronic Components Datasheet Search
  English  ▼

X  

AT41511 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # AT41511
Description  General Purpose, Low Noise NPN Silicon Bipolar Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT41511 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button AT41511 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT41511 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT41511 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT41511 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT41511 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT41511 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT41511 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT41511 Datasheet HTML 9Page - Agilent(Hewlett-Packard) AT41511 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4-139
AT-41511 Typical Scattering Parameters, Common Emitter, Zo = 50 Ω, VCE = 5 V, IC = 5 mA
Freq.
S11
S21
S12
S22
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.1
0.88
-25
23.47
14.918
162
-34.89
0.018
77
0.95
-11
0.5
0.61
-96
19.31
9.234
116
-25.04
0.056
49
0.66
-33
0.9
0.50
-135
15.49
5.948
94
-23.22
0.069
44
0.52
-38
1.0
0.48
-142
14.70
5.433
90
-22.85
0.072
43
0.50
-39
1.5
0.45
-170
11.59
3.796
74
-21.31
0.086
44
0.45
-42
1.8
0.45
176
10.13
3.210
66
-20.45
0.095
45
0.44
-44
2.0
0.45
168
9.31
2.921
61
-19.91
0.101
46
0.43
-46
2.4
0.45
154
7.85
2.469
52
-18.86
0.114
46
0.42
-51
3.0
0.48
136
6.06
2.009
39
-17.33
0.136
46
0.42
-58
4.0
0.53
111
3.77
1.544
19
-15.09
0.176
43
0.40
-72
5.0
0.58
92
1.91
1.246
2
-13.07
0.222
39
0.40
-90
0
30
0
FREQUENCY (GHz)
14
5
25
15
5
3
20
10
2
MSG
MAG
MSG
S21
Figure 14. AT-41511 Gains vs.
Frequency at VCE = 5 V, IC = 5 mA.
AT-41511 Typical Noise Parameters,
Common Emitter, Zo = 50 Ω, VCE = 5 V, IC = 5 mA
Freq
Fmin
Γ
opt
Rn
GHz
dB
Mag
Ang
-
0.1
0.8
0.46
5
0.30
0.9
1.0
0.39
60
0.22
1.8
1.4
0.34
130
0.13
2.4
1.7
0.39
173
0.09
AT-41533 Typical Scattering Parameters, Common Emitter, Zo = 50 Ω, VCE = 5 V, IC = 5 mA
Freq.
S11
S21
S12
S22
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.1
0.79
-28
23.48
14.932
155
-34.89
0.018
76
0.95
-11
0.5
0.36
-94
17.15
7.200
104
-25.35
0.054
61
0.65
-25
0.9
0.22
-137
12.77
4.349
84
-21.94
0.080
63
0.58
-27
1.0
0.20
-148
11.93
3.948
81
-21.21
0.087
64
0.57
-29
1.5
0.18
165
8.77
2.746
65
-18.20
0.123
65
0.56
-34
1.8
0.19
145
7.34
2.328
58
-16.65
0.147
65
0.55
-37
2.0
0.21
134
6.56
2.128
53
-15.70
0.164
65
0.55
-39
2.4
0.24
118
5.22
1.823
44
-14.02
0.199
63
0.54
-45
3.0
0.28
100
3.68
1.527
32
-11.77
0.258
59
0.53
-55
4.0
0.35
80
1.87
1.240
14
-8.61
0.371
50
0.50
-74
5.0
0.42
61
0.52
1.062
0
-6.18
0.491
37
0.47
-97
0
30
0
FREQUENCY (GHz)
14
5
25
15
5
3
20
10
2
MSG
MAG
MSG
S21
Figure 15. AT-41533 Gains vs.
Frequency at VCE = 5 V, IC = 5 mA.
AT-41533 Typical Noise Parameters,
Common Emitter, Zo = 50 Ω, VCE = 5 V, IC = 5 mA
Freq
Fmin
Γ
opt
Rn
GHz
dB
Mag
Ang
-
0.1
0.7
0.46
7
0.21
0.9
1.0
0.29
86
0.13
1.8
1.4
0.36
-163
0.07
2.4
1.6
0.53
-126
0.15



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com