Electronic Components Datasheet Search
  English  ▼

X  

AT41511 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # AT41511
Description  General Purpose, Low Noise NPN Silicon Bipolar Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT41511 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button AT41511 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT41511 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT41511 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT41511 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT41511 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT41511 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT41511 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT41511 Datasheet HTML 9Page - Agilent(Hewlett-Packard) AT41511 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
4-141
AT-41511 Typical Scattering Parameters, Common Emitter, Zo = 50 Ω, VCE = 8 V, IC = 10 mA
Freq.
S11
S21
S12
S22
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.1
0.75
-36
27.71
24.305
155
-37.72
0.013
73
0.92
-13
0.5
0.47
-119
21.24
11.535
106
-28.87
0.036
53
0.60
-27
0.9
0.41
-155
16.80
6.921
88
-26.20
0.049
55
0.51
-28
1.0
0.40
-161
15.96
6.281
84
-25.68
0.052
56
0.50
-29
1.5
0.39
174
12.66
4.294
70
-23.10
0.070
58
0.48
-32
1.8
0.40
162
11.16
3.615
63
-21.83
0.081
59
0.48
-35
2.0
0.40
155
10.29
3.269
59
-21.11
0.088
58
0.48
-37
2.4
0.42
143
8.77
2.745
50
-19.66
0.104
58
0.48
-41
3.0
0.44
126
6.95
2.226
38
-17.86
0.128
55
0.47
-48
4.0
0.51
104
4.60
1.698
19
-15.44
0.169
50
0.46
-61
5.0
0.56
87
2.73
1.370
3
-13.39
0.214
45
0.46
-76
AT-41511 Typical Noise Parameters,
Common Emitter, Zo = 50 Ω, VCE = 8 V, IC = 10 mA
Freq
Fmin
Γ
opt
Rn
GHz
dB
Mag
Ang
-
0.1
1.1
0.40
7
0.27
0.9
1.3
0.33
62
0.20
1.8
1.6
0.27
135
0.13
2.4
1.8
0.35
178
0.10
0
30
0
FREQUENCY (GHz)
14
5
25
15
5
3
20
10
2
MSG
MAG
MSG
S21
Figure 18. AT-41511 Gains vs.
Frequency at VCE = 8 V, IC = 10 mA.
AT-41533 Typical Scattering Parameters, Common Emitter, Zo = 50 Ω, VCE = 8 V, IC = 10 mA
Freq.
S11
S21
S12
S22
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.1
0.65
-37
27.45
23.576
145
-35.92
0.016
73
0.88
-15
0.5
0.20
-100
18.60
8.509
97
-26.20
0.049
69
0.57
-23
0.9
0.11
-146
13.89
4.947
81
-21.83
0.081
71
0.54
-25
1.0
0.09
-161
13.03
4.482
78
-20.92
0.090
70
0.53
-26
1.5
0.11
144
9.77
3.081
64
-17.59
0.132
69
0.52
-32
1.8
0.13
125
8.34
2.611
58
-16.03
0.158
67
0.51
-35
2.0
0.14
116
7.53
2.379
53
-15.09
0.176
65
0.51
-38
2.4
0.17
104
6.20
2.041
45
-13.47
0.212
62
0.50
-43
3.0
0.22
91
4.66
1.710
33
-11.40
0.269
57
0.49
-52
4.0
0.28
77
2.90
1.396
16
-8.61
0.371
47
0.46
-71
5.0
0.35
62
1.61
1.204
1
-6.45
0.476
35
0.43
-92
AT-41533 Typical Noise Parameters,
Common Emitter, Zo = 50 Ω, VCE = 8 V, IC = 10 mA
Freq
Fmin
Γ
opt
Rn
GHz
dB
Mag
Ang
-
0.1
0.8
0.40
13
0.18
0.9
1.1
0.20
93
0.12
1.8
1.5
0.32
-154
0.09
2.4
1.7
0.49
-121
0.17
0
30
0
FREQUENCY (GHz)
14
5
25
15
5
3
20
10
2
MSG
MAG
MSG
S21
Figure 19. AT-41533 Gains vs.
Frequency at VCE = 8 V, IC = 10 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com