Electronic Components Datasheet Search
  English  ▼

X  

HD860 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # HD860
Description  ULTRAFAST PLASTIC RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

HD860 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  HD860 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd HD860 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd HD860 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd HD860 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0249, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
HD860
HD860 ULTRAFAST PLASTIC RECTIFIER
Features:
•
Utra-Fast Switching
•
High Current Capability
•
Low Reverse Leakage Current
•
High Surge Current Capability
•
Plastic Material has UL Flammability Classification 94V-O
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Data:
•
Case: Molded Plastic
•
Terminals: Plated Leads, Solderable per MIL-STD-202, Method 208
•
Weight: 0.39 grams (approx.)
•
Marking: Type Number
•
Mounting Position: Any
Mechanical Dimensions: In mm /Inches
DPAK
MARKING, MOLDING RESIN
Marking for HD860, 1
st row HL, 2nd row AH0 LXX, 3rd row HD860
Where XX is Determined by customer
HD860


Similar Part No. - HD860

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
HD8.2M25 NTE-HD8.2M25 Datasheet
14Kb / 1P
HIGH-FREQ ALUMINUM ELECTROLYTIC
HD8.2M50 NTE-HD8.2M50 Datasheet
14Kb / 1P
HIGH-FREQ ALUMINUM ELECTROLYTIC
logo
Pulse A Technitrol Comp...
HD8004FNL PULSE-HD8004FNL Datasheet
522Kb / 3P
MDL,SIN,10GPP,1:1,SM,TU
HD8008NL PULSE-HD8008NL Datasheet
456Kb / 3P
mdl,sin,hdbt,1:1,poep,sm,tu
logo
List of Unclassifed Man...
HD8178232 ETC1-HD8178232 Datasheet
310Kb / 6P
Digital Signal Processor-Enhanced
More results

Similar Description - HD860

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
31GF4 VISHAY-31GF4 Datasheet
93Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR140 VISHAY-MUR140 Datasheet
95Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR420 VISHAY-MUR420 Datasheet
93Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR440 VISHAY-MUR440 Datasheet
94Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
31GF4 VISHAY-31GF4_09 Datasheet
67Kb / 4P
Ultrafast Plastic Rectifier
23-Oct-09
UG2F VISHAY-UG2F Datasheet
73Kb / 4P
Ultrafast Plastic Rectifier
23-Oct-09
logo
Sangdest Microelectroni...
ER3JA SMC-ER3JA Datasheet
219Kb / 6P
ULTRAFAST PLASTIC RECTIFIER
MUR530AX SMC-MUR530AX Datasheet
166Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
MUR860 SMC-MUR860 Datasheet
207Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
MUR860AX SMC-MUR860AX Datasheet
166Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com