Electronic Components Datasheet Search
  English  ▼

X  

D01294 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # D01294
Description  Hexagon Nut And Screw Head Covers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D01294 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  D01294 Datasheet HTML 1Page - List of Unclassifed Manufacturers D01294 Datasheet HTML 2Page - List of Unclassifed Manufacturers D01294 Datasheet HTML 3Page - List of Unclassifed Manufacturers D01294 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Can also be used with No 4, 6, 8, 10 and
s - 20 screws
Pop-on screw covers and bases may be used with:- flat head nails, countersunk screws, self
tapping screws, rivets, drive screws, machine screws, washer faced screws and other types
of fasteners
Cover locks firmly onto base to provide a neat and decorative finish
Material: Polypropylene
Colour: Natural
RoHS Directive 2002/95/EC
compliant
PART NUMBER
Screw Size
A
B
Black
White
Red
Green
1639601
1639605
1639608
1639611
M3/M4
12.7
5.1
1639603
1639606
1639609
1639612
M4/M5
16.0
6.5
1639604
1639607
1639610
1639613
M6
17.8
6.6
PART NUMBER
To Fit Pop-on Screw
Covers
Screw Size
A
B
C
D
1639615
1639601 to 1639611
M3 & No4 Pan
2.9
10.5
3.0
7.0
1639616
1639601 to 1639611
M3.5 & No6 Pan
2.9
10.5
3.8
7.0
1639617
1639601 to 1639611
M3/M4 & No4/No8 CSK
2.9
10.5
3.8
-
1639618
1639603 to 1639612
M4 & No8 PAN
3.2
12.7
4.5
9.3
1639619
1639603 to 1639612
M5 & No10 PAN
3.2
12.8
5.0
9.3
1639620
1639603 to 1639612
M4/M5 & No8/No10 CSK
3.2
12.8
5.0
-
1639621
1639604 to 1639613
M6 & 1/4" PAN
3.2
15.7
6.2
12.4
1639622
1639604 to 1639613
M6 & 1/4" CSK
3.3
15.7
6.2
-
Material: Polypropylene
RoHS Directive 2002/95/EC compliant
Allow approximately 0.50 extra for
assembled height
These parts must be used with Pop-On
Screw Cover Bases - see below
RoHS
RoHS
Pop-On Screw Covers
Pop-On Screw Cover Bases
Mechanical/Physical Properties
Units
Value
Density
g/cm3
0.9
Hardness
Shore D
71
Tensile Strength, Yield
MPa
35.9
Elongation at Yield
%
490
Flexural Modulus
GPa
1.39
Material Properties
Thermal Properties
Units
Value
Deflection Temperature at 0.45MPa
°C
104
Vicat Softening Temperature
°C
150
Above information is for guidance only and should not be used to establish specifications or as the basis of a design



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com