Electronic Components Datasheet Search
  English  ▼

X  

D01294 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D01294
Description  Hexagon Nut And Screw Head Covers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D01294 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D01294 Datasheet HTML 1Page - List of Unclassifed Manufacturers D01294 Datasheet HTML 2Page - List of Unclassifed Manufacturers D01294 Datasheet HTML 3Page - List of Unclassifed Manufacturers D01294 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PART NUMBER
Nominal
Thread Size
Across Flats
Hexagon
H
Black
White
*1639575
*1639581
M4
6.9
8.7
*1639576
*1639582
M5
7.9
10.7
*1639577
*1639583
M6
9.8
13.0
1639578
1639585
M8
13.0
15.0
1639579
1639586
M10
16.7
19.5
1639580
1639587
M12
18.7
21.5
Material: Low Density Polyethylene
RoHS Directive 2002/95/EC compliant
This part has a circular external form and a hexagonal internal form and is suitable for Hexagon Head screws and nuts. Parts marked
* will also fit the appropriate size Metric Cheese Head Screw (Chapter 6)
Protects and gives a neat finish to exposed metal hexagon nuts and screw heads
Quick and simple to install
Hexagon Nut And Screw Head Covers
RoHS
Mechanical/Physical Properties
Units
Value
Density
g/cm3
0.924
Water Absorption
%
0.01
Tensile Strength, Yield
MPa
11.0
Elongation at Yield
%
14.5
Tensile Modulus
GPa
0.260
Material Properties
Electrical Properties
Units
Value
Electrical Resistivity
ohm-cm
≥1.00e+15
Surface Resistivity
ohm
1.00e+14
Dielectric Constant (1 MHz)
-
2.30
Thermal Properties
Units
Value
Melting Point
°C
111
Short Term Minimum Working Temperature
°C
-40
Short Term Maximum Working Temperature
°C
55
Flammability
UL94
HB
Oxygen Index
%
17.0
Above information is for guidance only and should not be used to establish specifications or as the basis of a design


Similar Part No. - D01294

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
D0120MY-20-2002 NEWHAVEN-D0120MY-20-2002 Datasheet
221Kb / 6P
Vacuum Fluorescent Display Specification
D0120MY-29-2001 NEWHAVEN-D0120MY-29-2001 Datasheet
1Mb / 6P
Vacuum Fluorescent Display Specification
D0120MY-A1H NEWHAVEN-D0120MY-A1H Datasheet
793Kb / 6P
Vacuum Fluorescent Display Specification
D0120SD-20-2004F NEWHAVEN-D0120SD-20-2004F Datasheet
951Kb / 6P
Vacuum Fluorescent Display Specification
More results

Similar Description - D01294

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS90727 ETC-MS90727 Datasheet
166Kb / 5P
SCREW, CAP, HEXAGON HEAD
BU-31607-0 ETC2-BU-31607-0 Datasheet
94Kb / 1P
Screw-in Safety Socket with Stud and Metal Nut
BU-31607-9 ETC2-BU-31607-9 Datasheet
94Kb / 1P
Screw-in Safety Socket with Stud and Metal Nut
logo
Adam Technologies, Inc.
HDW-086 ADAM-TECH-HDW-086 Datasheet
56Kb / 1P
SCREW HEAD PIN
logo
List of Unclassifed Man...
NAS1805 ETC1-NAS1805 Datasheet
705Kb / 3P
NUT, SELF-LOCKING, EXTENDED WASHER, BOUBLE HEXAGON, CRES, 180KSI, 450쨘F and 800쨘F
logo
FIBOX Enclosing innovat...
3570576 FIBOX-3570576 Datasheet
47Kb / 1P
Lock nut for plastic head screws
31.07.2023
3570577 FIBOX-3570577 Datasheet
47Kb / 1P
Lock nut for plastic head screws
31.07.2023
3570345 FIBOX-3570345 Datasheet
48Kb / 1P
Plastic head screw (M6x25)
16.08.2023
3570347 FIBOX-3570347 Datasheet
48Kb / 1P
Plastic head screw (M10x30)
16.08.2023
3570578 FIBOX-3570578 Datasheet
47Kb / 1P
Lock nut for plastic head screws
16.08.2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com