Electronic Components Datasheet Search
  English  ▼

X  

HCNR200 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCNR200
Description  High-Linearity Analog Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCNR200 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCNR200 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCNR200 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCNR200 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCNR200 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCNR200 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCNR200 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCNR200 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCNR200 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCNR200 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1-419
Ordering Information:
HCNR20x
0 =
± 15% Transfer Gain, 0.25% Maximum Nonlinearity
1 =
± 5% Transfer Gain, 0.05% Maximum Nonlinearity
Option yyy
050 = VDE 0884 V
IORM = 1414 V peak Option
300 = Gull Wing Surface Mount Lead Option
500 = Tape/Reel Package Option (1 k min.)
Option data sheets available. Contact your Hewlett-Packard sales representative or authorized distributor for
information.
Package Outline Drawings
Figure 1.
0.40 (0.016)
0.56 (0.022)
1
2
3
4
8
7
6
5
1.70 (0.067)
1.80 (0.071)
2.54 (0.100) TYP.
0.51 (0.021) MIN.
5.10 (0.201) MAX.
3.10 (0.122)
3.90 (0.154)
DIMENSIONS IN MILLIMETERS AND (INCHES).
NC
PD1
K
1
11.30 (0.445)
MAX.
PIN
ONE
1.50
(0.059)
MAX.
HP
HCNR200Z
YYWW
OPTION
CODE*
DATE
CODE
8
7
6
5
1
2
3
4
9.00
(0.354)
TYP.
0.20 (0.008)
0.30 (0.012)
0
°
15
°
11.00
(0.433)
MAX.
10.16
(0.400)
TYP.
K
2
PD2
NC
LED
* MARKING CODE LETTER FOR OPTION NUMBERS.
"V" = OPTION 050
OPTION NUMBERS 300 AND 500 NOT MARKED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com