Electronic Components Datasheet Search
  English  ▼

X  

HCNR200 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HCNR200
Description  High-Linearity Analog Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCNR200 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCNR200 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCNR200 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCNR200 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCNR200 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCNR200 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCNR200 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCNR200 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCNR200 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCNR200 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1-420
Gull Wing Surface Mount Option #300
240
∆T = 115°C, 0.3°C/SEC
0
∆T = 100°C, 1.5°C/SEC
∆T = 145°C, 1°C/SEC
TIME – MINUTES
220
200
180
160
140
120
100
80
60
40
20
0
260
12
3
456789
10
11
12
(NOTE: USE OF NON-CHLORINE ACTIVATED FLUXES IS RECOMMENDED.)
Maximum Solder Reflow Thermal Profile
Regulatory Information
The HCNR200/201 optocoupler
features a 0.400" wide, eight pin
DIP package. This package was
specifically designed to meet
worldwide regulatory require-
ments. The HCNR200/201 has
been approved by the following
organizations:
UL
Recognized under UL
1577, Component
Recognition Program,
FILE E55361
CSA
Approved under CSA
Component Acceptance
Notice #5, File CA
88324
BSI
Certification according
to BS415:1994;
(BS EN60065:1994);
BS EN60950:1992
(BS7002:1992) and
EN41003:1993 for Class
II applications
VDE
Approved according to
VDE 0884/06.92
(Available Option #050
only)
1.00 ± 0.15
(0.039 ± 0.006)
7° NOM.
12.30 ± 0.30
(0.484 ± 0.012)
0.75 ± 0.25
(0.030 ± 0.010)
11.00
(0.433)
5
6
7
8
4
3
2
1
11.15 ± 0.15
(0.442 ± 0.006)
9.00 ± 0.15
(0.354 ± 0.006)
1.3
(0.051)
12.30 ± 0.30
(0.484 ± 0.012)
6.15
(0.242)TYP.
0.9
(0.035)
PAD LOCATION (FOR REFERENCE ONLY)
1.78 ± 0.15
(0.070 ± 0.006)
4.00
(0.158)
MAX.
1.55
(0.061)
MAX.
2.54
(0.100)
BSC
DIMENSIONS IN MILLIMETERS (INCHES).
LEAD COPLANARITY = 0.10 mm (0.004 INCHES).
0.254
+ 0.076
- 0.0051
(0.010
+ 0.003)
- 0.002)
MAX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com