Electronic Components Datasheet Search
  English  ▼

X  

HCPL-2201 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCPL-2201
Description  Low Input Current Logic Gate Optocouplers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2201 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL-2201 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-2201 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
1-129
3.0 V
VOL
INPUT
VE
OUTPUT
VO
tPZL
tPLZ
1.3 V
0 V
VOH
≈1.5 V
OUTPUT
VO
S1 OPEN
S2 CLOSED
S1 CLOSED
S2 OPEN
tPZH
tPHZ
1.3 V
0 V
0.5 V
S1 AND
S2 CLOSED
0.5 V
S1 AND
S2 CLOSED
1.3 V
7
1
4
5
6
8
HCPL-2200
GND
VCC
+5 V
619
Ω
INPUT VC
MONITORING
NODE
PULSE
GENERATOR
ZO = 50 Ω
tr = tf = 5 ns
CL
CL= 15 pF INCLUDING PROBE
AND JIG CAPACITANCES.
VO
VCC
D1
D2
5 k
Ω
D3
D4
2
3
D1-4 ARE 1N916 OR 1N3064.
IF
S1
S2
Figure 10. Typical Rise, Fall Time vs.
Temperature.
Figure 8. Typical Logic Low Enable
Propagation Delay vs. Temperature.
Figure 9. Typical Logic High Enable
Propagation Delay vs. Temperature.
Figure 7. Test Circuit for tPHZ, tPZH, tPLZ, and tPZL.
Figure 6. Typical Propagation Delays
vs. Temperature.
-60
0
TA – TEMPERATURE – °C
100
100
-20
40
20
60
-40
0
40
80
60
80
20
tPLZ
CL = 15 pF
tPZL
VCC
20 V
4.5 V
20 V
4.5 V
-60
0
TA – TEMPERATURE – °C
100
150
200
-20
50
20
60
-40
0
40
80
100
CL = 15 pF
20 V
VCC
tPHZ
tPZH
20 V
4.5 V
4.5 V
-60
50
TA – TEMPERATURE – °C
100
200
250
-20
100
20
60
-40
0
40
80
150
IF (mA)
5
3
1.6
1.6
3
5
tPLH
tPHL
VCC = 5 V
C1 (120 pF) PEAKING
CAPACITOR IS USED.
SEE FIGURE 5.
-60
0
TA – TEMPERATURE – °C
100
120
-20
40
20
60
-40
0
40
80
80
100
20
VCC = 5 V
C2 = 15 pF
tr
60
tf



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com