Electronic Components Datasheet Search
  English  ▼

X  

HCPL2300 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL2300
Description  8 MBd Low Input Current Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2300 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL2300 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL2300 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL2300 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL2300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL2300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL2300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL2300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL2300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1-292
VDE 0884 Insulation Related Characteristics (HCPL-2300 Option 060 ONLY)
Description
Symbol
Characteristic
Units
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage
≤ 300 V rms
I-IV
for rated mains voltage
≤ 450 V rms
I-III
Climatic Classification
55/85/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
630
V peak
Input to Output Test Voltage, Method b*
VIORM x 1.875 = VPR, 100% Production Test with tm = 1 sec,
VPR
1181
V peak
Partial Discharge < 5 pC
Input to Output Test Voltage, Method a*
VIORM x 1.5 = VPR, Type and sample test, tm = 60 sec,
VPR
945
V peak
Partial Discharge < 5 pC
Highest Allowable Overvoltage*
(Transient Overvoltage, tini = 10 sec)
VIOTM
6000
V peak
Safety Limiting Values
(Maximum values allowed in the event of a failure,
also see Figure 11, Thermal Derating curve.)
Case Temperature
TS
175
°C
Input Current
IS,INPUT
230
mA
Output Power
PS,OUTPUT
600
mW
Insulation Resistance at TS, VIO = 500 V
RS
≥ 109
Ω
*Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section, (VDE 0884), for a
detailed description.
Note: Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in
application.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Input Voltage, Low Level
VFL
-2.5
0.8
V
Input Current High Level
0
°C to 85°CI
FH
0.5
1.0
mA
-40
°C to 85°C
0.5
0.75
Supply Voltage, Output
VCC
4.75
5.25
V
Fan Out (TTL Load)
N
5
Operating Temperature
TA
-40
85
°C
Absolute Maximum Ratings
(No Derating Required up to 55
°C)
Storage Temperature, TS ............................................. -55°C to +125°C
Operating Temperature, TA ........................................... -40°C to +85°C
Lead Solder Temperature, max .......................................... 260
°C for 10 s
(1.6 mm below seating plane)
Average Forward Input Current - IF............................................ 5 mA[2]
Reverse Input Voltage, VR .............................................................. 3.0 V
Supply Voltage, VCC ............................................................... 0 V to 7.0 V
Pull-Up Resistor Voltage, VRL ............................................. -0.5 V to VCC
Output Collector Current, IO ............................................ -25 to 25 mA
Input Power Dissipation, PI ........................................................ 10 mW
Output Collector Power Dissipation, PO ..................................... 40 mW
Output Collector Voltage, VO ........................................... -0.5 V to 18 V
Infrared and Vapor Phase Reflow Temperature
(Option #300) .......................................... see Fig. 1, Thermal Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com