Electronic Components Datasheet Search
  English  ▼

X  

HCPL2300 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL2300
Description  8 MBd Low Input Current Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2300 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL2300 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL2300 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL2300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL2300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL2300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL2300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL2300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL2300 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1-293
DC Electrical Specifications
For -40
°C ≤ T
A ≤ 85°C, 4.75 V ≤ VCC ≤ 5.25 V, VFL ≤ 0.8 V, unless otherwise specified.
All typicals at TA = 25°C and VCC = 5 V , unless otherwise specified. See note 1.
Parameter
Symbol
Min. Typ. Max. Units
Test Conditions
Fig.
Note
High Level Output
IOH
0.05
250
µAV
F = 0.8 V, VO = 18 V
4
Current
Low Level Output
VOL
0.4
0.5
V
IF = 0.5 mA
3
Voltage
IOL (Sinking) = 8 mA
High Level Supply
ICCH
4.0
6.3
mA
IF = 0 mA, VCC = 5.25 V
Current
Low Level Supply Current
ICCL
6.2
10.0
mA
IF = 1.0 mA, VCC = 5.25 V
Input Forward Voltage
VF
1.0
1.3
1.5
V
TA = 25°CIF = 1.0 mA
2
0.85
1.65
Input Diode Temperature
∆V
F
-1.6
mV/
°CI
F = 1.0 mA
Coefficient
Input Reverse
BVR
3.0
V
IR = 10 µA
Breakdown Voltage
Input Capacitance
CIN
18
pF
VF = 0 V, f = 1 MHz
Internal Pull-up Resistor
RL
680
1000 1700
Ω
TA = 25°C
∆T
A
Switching Specifications
For -40
°C ≤ T
A ≤ 85°C, 0.5 mA ≤ IFH ≤ 0.75 mA;
For 0
°C ≤ T
A ≤ 85°C, 0.5 mA ≤ IFH ≤ 1.0 mA; With 4.75 V ≤ VCC ≤ 5.25 V, VFL ≤ 0.8 V, unless otherwise
specified. All typicals at TA = 25°C and VCC = 5 V, IFH = 0.625 mA, unless otherwise specified. See note 1.
Parameter
Symbol
Min.
Typ.
Max. Units
Test Conditions
Fig.
Note
Propagation Delay Time
tPLH
95
ns
CP = 0 pF
5, 6, 8
4, 8
85
160
CP = 20 pF
5, 8
Propagation Delay Time
tPHL
110
ns
CP = 0 pF
5, 6, 8
5, 8
35
200
CP = 20 pF
5, 8
Output Rise Time (10-90%)
tr
40
ns
CP = 20 pF
7, 8
8
Output Fall Time (90-10%)
tf
20
ns
Common Mode Transient
|CMH|
100
400
V/
µsV
CM = 50 V (peak),
9, 10
6
Immunity at High
VO (min.) = 2 V,
Output Level
RL = 560 Ω,
IF = 0 mA
Common Mode Transient
|CML|
100
400
V/
µsV
CM = 50 V (peak),
9, 10
7
Immunity at Low
VO (max.) = 0.8 V,
Output Level
RL = 560 Ω,
IF = 0.5 mA
to Logic High Output Level
to Logic Low Output Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com