Electronic Components Datasheet Search
  English  ▼

X  

HCPL-3000 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HCPL-3000
Description  Power Bipolar Transistor Base Drive Optocoupler
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-3000 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL-3000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-3000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-3000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-3000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-3000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-3000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-3000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-3000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-3000 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1-332
Electrical Specifications
Over recommended temperature (T
A = -20°C to +80°C) unless otherwise specified.
Parameter
Sym.
Min.
Typ.
Max. Units
Test Conditions
Fig.
Note
Input Forward Voltage
V
F
-
1.1
1.4
V
I
F = 5 mA, TA = 25°C13
0.6
0.9
-
V
I
F = 0.2 mA, TA = 25°C
Input Reverse Current
I
R
--
10
µAV
R = 3 V, TA = 25°C
Input Capacitance
C
IN
-
30
250
pF
V
F = 0 V, f = 1 kHz,
T
A = 25°C
Output 1
Low Level
V
O1L
-
0.2
0.4
V
V
CC = 6 V, IO1 = 0.4 A,
2, 16,
2
Voltage
R
L2 = 10 Ω, IF = 5 mA
17
Leakage
I
O1L
-
-
200
µAV
CC = VO1 = 13 V, VO2 = 0 V,
4
Current
I
F = 0 mA
Output 2
High Level
V
O2H
4.5
5.0
-
V
V
CC = 6 V, IO2 = -0.4 A
3, 18,
2
Voltage
I
F = 5 mA, VO1 = 6 V
19
Low Level
V
O2L
-
0.2
0.4
V
V
CC = 6 V, IO2 = 0.5 A,
20,
Voltage
I
F = 0 mA
21
Leakage
I
O2L
-
-
200
µAV
CC = 13 V, IF = 5 mA,
5
Current
V
O2 = 13 V
Supply
High Level
I
CCH
-9
13
mA
T
A = 25°C22
2
Current
--
17
VCC = 6 V, IF = 5 mA
Low Level
I
CCL
-11
15
mA
T
A = 25°C23
--
20
VCC = 6 V, IF = 0 mA
Low to High
I
FLH
0.3
1.5
3.0
mA
T
A = 25°C
Threshold Input
6, 14,
3
Current
0.2
-
5.0
mA
V
CC = 6 V, RL1 = 5 Ω,15
R
L2 = 10 Ω
Figure 1. Recommended Output Transistor Protection and Typical Application Circuit.
8
7
6
5
Q2
Q1
+5 V
240
Ω
TTL
OR
LSTTL
1
2
R2
C
+ HVDC
HCPL-3000
TOTEM
POLE
OUTPUT
GATE
CONTROL
INPUT
1
CC
V
(+ 5.4 V
+ 13 V)
POWER TRANSISTOR
MODULE
3-PHASE
AC
- HVDC
I O1
R1
1
R1 = 5 - 250 Ω
R2 = 1 - 2 Ω
BYPASS CAPACITOR C1 = 0.1 µF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com