Electronic Components Datasheet Search
  English  ▼

X  

HCPL-3000 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL-3000
Description  Power Bipolar Transistor Base Drive Optocoupler
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-3000 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

  HCPL-3000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-3000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-3000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-3000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-3000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-3000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-3000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-3000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-3000 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
1-337
Figure 24. Typical Propagation Delay
Time vs. Forward Current.
Figure 23. Typical Low Level Supply
Current vs. Supply Voltage.
Figure 22. Typical High Level Supply
Current vs. Supply Voltage.
Figure 25. Typical Propagation Delay
Time vs. Ambient Temperature.
14
12
10
8
6
4
4
6
8
101214
25°C
80°C
T = -20°C
A
SUPPLY VOLTAGE V
(V)
CC
I
= 5 mA
F
16
14
12
10
8
6
4
6
8
101214
25°C
80°C
SUPPLY VOLTAGE V
(V)
CC
T = -20°C
A
I
= 0 mA
F
6
5
4
3
2
1
0
5
10
15
20
25
25°C
FORWARD CURRENT I (mA)
F
-20°C
t
PLH
tPHL
V
= 6 V
CC
R
= 5
Ω
L1
-20°C
25°C
0
R
= 10
Ω
L2
T = 80°C
A
T = 80°C
A
I
= 5 mA
F
5
4
3
2
1
0
-25
0
25
50
75
100
t
PLH
t PHL
AMBIENT TEMPERATURE TA (°C)
R
= 5
Ω
R
= 10
Ω
I = 5 mA
F
L1
L2
V
= 6 V
CC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com