Electronic Components Datasheet Search
  English  ▼

X  

MBR330FL Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MBR330FL
Description  Schottky Barrier Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBR330FL Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBR330FL Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR330FL Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR330FL Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR330FL Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR330FL Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Data Sheet N1555, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http:// www.smc-diodes.com • E-Mail Address - sales@ sangdest.com.cn •
MBR330FL
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
VRRM
VRWM
VR
30
V
Maximum Average Rectified Forward Current at TA = 75°C
IF(AV)
3
A
Forward Voltage
@IF = 3A,TA = 25°C
VFM
0.50
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
20
mA
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
80
A
Maximum Junction Capacitance (Note 1)
Cj
160
pF
Typical thermal resistance (Note 2)
RΘJA
RΘJC
110
40
°C/W
Operating Junction Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-65 to +175
°C
Case Style
SOD-123-FL
Note1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. 8.0mm²(.013mm thick) land areas



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com