Electronic Components Datasheet Search
  English  ▼

X  

MBR330FL Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MBR330FL
Description  Schottky Barrier Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBR330FL Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBR330FL Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR330FL Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR330FL Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR330FL Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR330FL Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Data Sheet N1555, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http:// www.smc-diodes.com • E-Mail Address - sales@ sangdest.com.cn •
MBR330FL
MBR330FL Schottky Barrier Rectifiers
Features
•
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
•
Low power loss, high efficiency
•
For use in low voltage high frequency inverters, free wheeling, and polarity protection
applications
•
Guardring for over voltage protection
•
High temperature soldering guaranteed: 260°C/10 seconds at terminals
•
These Devices are Pb−Free and are RoHS Compliant
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Data
•
Case: SOD123-FL/MINI SMA molded plastic over sky die
•
Terminals: Tin Plated, solderable per MIL-STD-750, Method 2026
•
Polarity: Color band denotes cathode end
•
Mounting Position: Any
•
Weight: 0.0155 g Haloggen free (green epoxy compound)
•
Handling precautin: None
Mechanical Dimensions (In mm/Inches)
SOD-123-FL


Similar Part No. - MBR330FL

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
MBR330FL SMCDIODE-MBR330FL Datasheet
320Kb / 4P
MBR330FL SCHOTTKY BARRIER RECTIFIER
Rev. A
More results

Similar Description - MBR330FL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com