Electronic Components Datasheet Search
  English  ▼

X  

HCPL3150 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL3150
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3150 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL3150 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
1-201
Electrical Specifications (DC)
Over recommended operating conditions (TA = -40 to 100°C, IF(ON) = 7 to 16 mA, VF(OFF) = -3.0 to 0.8 V,
VCC = 15 to 30 V, VEE = Ground) unless otherwise specified.
Parameter
Symbol
Min.
Typ.*
Max. Units
Test Conditions
Fig.
Note
High Level
IOH
0.1
0.4
A
VO = (VCC - 4 V)
2, 3,
5
0.5
VO = (VCC - 15 V)
2
Low Level
IOL
0.1
0.6
A
VO = (VEE + 2.5 V)
5, 6
5
0.5
VO = (VEE + 15 V)
2
High Level Output
VOH
(VCC - 4) (VCC - 3)
V
IO = -100 mA
1, 3
6, 7
Voltage
19
Low Level Output
VOL
0.4
1.0
V
IO = 100 mA
4, 6
Voltage
20
High Level
ICCH
2.5
5.0
mA
Output Open,
7, 8
Supply Current
IF = 7 to 16 mA
Low Level
ICCL
2.7
5.0
mA
Output Open,
Supply Current
VF = -3.0 to +0.8 V
Threshold Input
IFLH
2.2
5.0
mA
IO = 0 mA,
9, 15,
Current Low to High
VO > 5 V
21
Threshold Input
VFHL
0.8
V
Voltage High to Low
Input Forward Voltage
VF
1.2
1.5
1.8
V
IF = 10 mA
16
Temperature
∆VF/∆TA
-1.6
mV/
°CIF = 10 mA
Coefficient of
Forward Voltage
Input Reverse
BVR
5V
IR = 10 µA
Breakdown Voltage
Input Capacitance
CIN
60
pF
f = 1 MHz, VF = 0 V
UVLO Threshold
VUVLO+
11.0
12.3
13.5
V
VO > 5 V,
22,
VUVLO-
9.5
10.7
12.0
UVLO Hysteresis
UVLOHYS
1.6
V
*All typical values at TA = 25°C and VCC - VEE = 30 V, unless otherwise noted.
Output Current
17
18
Output Current
IF = 10 mA
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com