Electronic Components Datasheet Search
  English  ▼

X  

HCPL3150 Datasheet(PDF) 14 Page - Agilent(Hewlett-Packard)

Part # HCPL3150
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3150 Datasheet(HTML) 14 Page - Agilent(Hewlett-Packard)

Back Button HCPL3150 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 15Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
1-210
turn off of LED1) so that under
worst-case conditions, transistor
Q1 has just turned off when
transistor Q2 turns on, as shown
in Figure 34. The amount of delay
necessary to achieve this condi-
tions is equal to the maximum
value of the propagation delay
difference specification, PDDMAX,
which is specified to be 350 ns
over the operating temperature
range of -40
°C to 100°C.
Delaying the LED signal by the
maximum propagation delay
difference ensures that the
minimum dead time is zero, but it
does not tell a designer what the
maximum dead time will be. The
maximum dead time is equivalent
to the difference between the
maximum and minimum propaga-
tion delay difference specifica-
tions as shown in Figure 35. The
maximum dead time for the
HCPL-3150 is 700 ns (= 350 ns -
(-350 ns)) over an operating
temperature range of -40
°C to
100
°C.
Note that the propagation delays
used to calculate PDD and dead
time are taken at equal tempera-
tures and test conditions since
the optocouplers under consider-
ation are typically mounted in
close proximity to each other and
are switching identical IGBTs.
1
3
2
4
8
6
7
5
CLEDP
CLEDN
1
3
2
4
8
6
7
5
CLEDP
CLEDN
SHIELD
CLEDO1
CLEDO2
Figure 29. Optocoupler Input to Output
Capacitance Model for Unshielded Optocouplers.
Figure 30. Optocoupler Input to Output
Capacitance Model for Shielded Optocouplers.
Figure 31. Equivalent Circuit for Figure 25 During
Common Mode Transient.
Figure 33. Recommended LED Drive
Circuit for Ultra-High CMR.
1
3
2
4
8
6
7
5
CLEDP
CLEDN
SHIELD
+5 V
1
3
2
4
8
6
7
5
CLEDP
CLEDN
SHIELD
+5 V
Q1
ILEDN
Figure 32. Not Recommended Open
Collector Drive Circuit.
Rg
1
3
VSAT
2
4
8
6
7
5
+
VCM
ILEDP
CLEDP
CLEDN
SHIELD
* THE ARROWS INDICATE THE DIRECTION
OF CURRENT FLOW DURING –dVCM/dt.
+5 V
+
–
VCC = 18 V
• • •
• • •
0.1
µF
+
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com