Electronic Components Datasheet Search
  English  ▼

X  

HCPL-2630 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL-2630
Description  HCMOS Compatible, High CMR, 10 MBd Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2630 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-2630 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1-172
Electrical Specifications
Over recommended operating temperature (TA = -40°C to +85°C) unless otherwise specified.
Parameter
Symbol
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
High Level Output
IOH
3.1
100
µAV
CC = 5.5 V, VO = 5.5 V,
4
18
Current
VF = 0.8 V, VE = 2.0 V
Low Level Output
VOL
0.4
0.6
V
VCC = 5.5 V, IOL = 13 mA
5, 8
4, 18
Voltage
(sinking), IF = 3.0 mA,
VE = 2.0 V
High Level Supply
ICCH
710
mA
VE = 0.5 V**
VCC = 5.5 V
4
9
15
Dual Channel
Products***
Low Level Supply
ICCL
813
mA
VE = 0.5 V**
VCC = 5.5 V
12
21
Dual Channel
Products***
High Level Enable
IEH
-0.6
-1.6
mA
VCC = 5.5 V, VE = 2.0 V
Current**
Low Level Enable
IEL
-0.9
-1.6
mA
VCC = 5.5 V, VE = 0.5 V
Current**
Input Forward
VF
1.0
1.3
1.6
V
IF = 4 mA
6
4
Voltage
Temperature Co-
∆V
F/∆TA
-1.25
mV/
°CI
F = 4 mA
4
efficient of Forward
Voltage
Input Reverse
BVR
35
V
IR = 100 µA4
Breakdown Voltage
Input Capacitance
CIN
60
pF
f = 1 MHz, VF = 0 V
*All typical values at TA = 25°C, VCC = 5 V
**Single Channel Products only (HCPL-261A/261N/061A/061N)
***Dual Channel Products only (HCPL-263A/263N/063A/063N)
Current
Current
IF = 0 mA
IF = 3.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com