Electronic Components Datasheet Search
  English  ▼

X  

HCPL-2630 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HCPL-2630
Description  HCMOS Compatible, High CMR, 10 MBd Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2630 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HCPL-2630 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
1-178
Figure 20. Recommended Drive Circuit for HCPL-261A/-261N Families for High-
CMR (Similar for HCPL-263A/-263N).
Application Information
Common-Mode Rejection for
HCPL-261A/HCPL-261N
Families:
Figure 20 shows the recom-
mended drive circuit for the
HCPL-261N/-261A for optimal
common-mode rejection
performance. Two main points to
note are:
1. The enable pin is tied to VCC
rather than floating (this
applies to single-channel parts
only).
2. Two LED-current setting
resistors are used instead of
one. This is to balance ILED
variation during common-
mode transients.
If the enable pin is left floating, it
is possible for common-mode
transients to couple to the enable
pin, resulting in common-mode
failure. This failure mechanism
only occurs when the LED is on
and the output is in the Low
State. It is identified as occurring
when the transient output voltage
rises above 0.8 V. Therefore, the
enable pin should be connected
to either VCC or logic-level high
for best common-mode
performance with the output low
(CMRL). This failure mechanism
is only present in single-channel
parts (HCPL-261N, -261A,
-061N, -061A) which have the
enable function.
Also, common-mode transients
can capacitively couple from the
LED anode (or cathode) to the
output-side ground causing
current to be shunted away from
the LED (which can be bad if the
LED is on) or conversely cause
current to be injected into the
LED (bad if the LED is meant to
be off). Figure 21 shows the
parasitic capacitances which
exists between LED
*Higher CMR May Be Obtainable by Connecting Pins 1, 4 to Input Ground (Gnd1).
ENABLE
(IF USED)
GND BUS (BACK)
V
BUS (FRONT)
CC
N.C.
N.C.
N.C.
N.C.
OUTPUT 1
OUTPUT 2
ENABLE
(IF USED)
0.1
µF
0.1
µF
10 mm MAX. (SEE NOTE 16)
SINGLE CHANNEL PRODUCTS
0.01 µF
350
Ω
74LS04
OR ANY TOTEM-POLE
OUTPUT LOGIC GATE
VO
VCC+
8
7
6
1
3
SHIELD
5
2
4
HCPL-261A/261N
GND
GND2
357
Ω
(MAX.)
VCC
357
Ω
(MAX.)
*
*
* HIGHER CMR MAY BE OBTAINABLE BY CONNECTING PINS 1, 4 TO INPUT GROUND (GND1).
GND1
Figure 19. Recommended Printed Circuit Board Layout.
GND BUS (BACK)
V
BUS (FRONT)
CC
OUTPUT 1
OUTPUT 2
0.1
µF
10 mm MAX. (SEE NOTE 16)
DUAL CHANNEL PRODUCTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com