Electronic Components Datasheet Search
  English  ▼

X  

PS2631 Datasheet(PDF) 3 Page - NEC

Part # PS2631
Description  HIGH COLLECTOR VOLTAGE 6PIN PHOTO COUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2631 Datasheet(HTML) 3 Page - NEC

  PS2631 Datasheet HTML 1Page - NEC PS2631 Datasheet HTML 2Page - NEC PS2631 Datasheet HTML 3Page - NEC PS2631 Datasheet HTML 4Page - NEC PS2631 Datasheet HTML 5Page - NEC PS2631 Datasheet HTML 6Page - NEC PS2631 Datasheet HTML 7Page - NEC PS2631 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PS2631, PS2631L
3
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Diode
Reverse Voltage
VR
6V
Forward Current
IF
80
mA
Power Dissipation Temperature Coefficient
∆PD/˚C
1.5
mW/˚C
Power Dissipation
PD
150
mW
Transistor
Collector to Emitter Voltage
VCEO
200
V
Emitter to Collector Voltage
VECO
6V
Collector Current
IC
50
mA
Power Dissipation Temperature Coefficient
∆PC/˚C
3.0
mW/˚C
Power Dissipation
PC
300
mW
Isolation Voltage*1)
BV
5 000
Vac
Storage Temperature
Tstg
–55 to +150
°C
Operating Temperature
Topt
–55 to +100
°C
*1) AC voltage for 1 minute at TA = 25
°C, RH = 60 % between input and output.
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Diode
Forward Voltage
VF
1.1
1.4
V
IF = 10 mA
Reverse Current
IR
5
µAVR = 5 V
Capacitance
Ct
50
pF
V = 0, f = 1.0 MHz
Transistor
Collector to Emitter Dark Current
ICEO
200
nA
VCE = 200 V, IF = 0
DC Current Gain
hFE
300
IC = 2 mA, VCE = 5.0 V
Coupled
Current Transfer Ratio*2)
CTR (IC/IF)
50
280
%
IF = 5 mA, VCE = 5.0 V
Collector Saturation Voltage
VCE(sat)
0.25
V
IF = 10 mA, IC = 2.0 mA
Isolation Resistance
R1-2
1011
Ω
Vin-out = 1.0 kV
Isolation Capacitance
C1-2
0.5
pF
V = 0, f = 1.0 MHz
Rise Time*3)
tr
10
µs
VCC = 5 V, IF = 10 mA, RL = 1 k
Ω
Fall Time*3)
tf
10
µs
VCC = 5 V, IF = 10 mA, RL = 1 k
Ω
*2)
CTR rank (%)
*3) Test Circuit for Switching Time
K : 130 to 280
L : 80 to 150
M : 50 to 100
50
Pulse width = 100 s
Duty cycle = 1/10
µ
Ω
RL = 1 k
VOUT
VCC = 5 V
IF
Pulse input



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com