Electronic Components Datasheet Search
  English  ▼

X  

PS2631 Datasheet(PDF) 4 Page - NEC

Part # PS2631
Description  HIGH COLLECTOR VOLTAGE 6PIN PHOTO COUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2631 Datasheet(HTML) 4 Page - NEC

  PS2631 Datasheet HTML 1Page - NEC PS2631 Datasheet HTML 2Page - NEC PS2631 Datasheet HTML 3Page - NEC PS2631 Datasheet HTML 4Page - NEC PS2631 Datasheet HTML 5Page - NEC PS2631 Datasheet HTML 6Page - NEC PS2631 Datasheet HTML 7Page - NEC PS2631 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PS2631, PS2631L
4
TYPICAL CHARACTERISTICS (TA = 25
°C)
CTR = 120 %
0.7
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
100
10
1
0.1
50
5
0.5
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
100 ˚C
60 ˚C
25 ˚C
0 ˚C
–25 ˚C
–55 ˚C
60
50
40
30
20
10
025
20
10
530
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Collector to Emitter Voltage VCE (V)
30 mA
IF = 5 mA
20 mA
10 mA
15
15 mA
40 mA
50 mA
60 mA
80 mA
–50
–25
0
25
50
75
100
Ambient Temperature TA (˚C)
10000
1000
100
10
1
COLLECTOR TO EMITTER DARK CURRENT
vs. AMBIENT TEMPERATURE
NORMALIZED OUTPUT CURRENT vs.
AMBIENT TEMPERATURE
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
–50
–25
0
25
50
75
100
Normalized to 1.0
at TA = 25 ˚C
IF = 5 mA
VCE = 5 V
Ambient Temperature TA (˚C)
VCE = 200 V
40 V
20 V
10 V
240
220
200
180
160
140
120
100
80
60
40
20
VCE = 5 V
0.1
1.0
10
100
0.5
5.0
50
IF (mA)
CURRENT TRANSFER RATIO (CTR)
vs. FORWARD CURRENT
CTR = 200%
CTR = 190 %
CTR = 60%
1.0
0.8
0.6
0.4
0.2
NORMALIZED OUTPUT CURRENT
vs. BASE RESISTANCE
Base to Emitter Resistance RB (
Ω)
100 k
1 M
∞
500 k
50 k
IF = 5 mA
10 mA
20 mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com