Electronic Components Datasheet Search
  English  ▼

X  

HCPL7840 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL7840
Description  Analog Isolation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL7840 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL7840 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1-252
AC Electrical Specifications
All specifications, typicals and figures are at the nominal operating conditions of VIN+ = 0 V, VIN- = 0 V,
TA =25°C, VDD1 = 5 V and VDD2 = 5 V, unless otherwise noted.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Fig.
Note
Common Mode
CMR
10
15
kV/
µsV
CM = 1 kV
16
8
Rejection
4.5
≤ (V
DD1, VDD2) ≤ 5.5 V
Common Mode
CMRR
>140
dB
9
Rejection Ratio
at 60 Hz
Propagation Delay
tPD50
3.7
6.5
µsV
IN+ = 0 to 100 mV step
17, 18
to 50%
-40
°C ≤ T
A ≤ 85°C
4.5
≤ (V
DD1, VDD2) ≤ 5.5 V
Propagation Delay
tPD90
5.7
9.9
to 90%
Rise/Fall Time
tR/F
3.4
6.6
(10-90%)
Small-Signal
f-3 dB
50
100
kHz
-40
°C ≤ T
A ≤ 85°C
17, 19,
Bandwidth
4.5
≤ (V
DD1, VDD2) ≤ 5.5 V
20
(-3 dB)
Small-Signal
f-45°
33
Bandwidth (-45
°)
RMS Input-
VN
0.6
mVrms
In recommended
21, 23
10
Referred Noise
application circuit
Power Supply
PSR
570
mVP-P
11
Rejection
Package Characteristics
All specifications, typicals and figures are at the nominal operating conditions of VIN+ = 0 V, VIN- = 0 V,
TA =25°C, VDD1 = 5 V and VDD2 = 5 V, unless otherwise noted.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Fig.
Note
Input-Output Momentary
VISO
2500
Vrms
t = 1 min., RH
≤ 50%
12,13
Withstand Voltage*
Input-Output Resistance
RI-O
1012
Ω
VI-O = 500 Vdc
13
Input-Output Capacitance
CI-O
0.6
pF
f = 1 MHz
VI-O = 0 Vdc
*The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output
continuous voltage rating. For the continuous voltage rating, refer to the VDE 0884 Insulation Characteristics Table (if applicable),
your equipment level safety specification, or HP Application Note 1074, “Optocoupler Input-Output Endurance Voltage.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com