Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA162 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # ATMEGA162
Description  High-performance, Low-power AVR
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA162 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button ATMEGA162 Datasheet HTML 25Page - ATMEL Corporation ATMEGA162 Datasheet HTML 26Page - ATMEL Corporation ATMEGA162 Datasheet HTML 27Page - ATMEL Corporation ATMEGA162 Datasheet HTML 28Page - ATMEL Corporation ATMEGA162 Datasheet HTML 29Page - ATMEL Corporation ATMEGA162 Datasheet HTML 30Page - ATMEL Corporation ATMEGA162 Datasheet HTML 31Page - ATMEL Corporation ATMEGA162 Datasheet HTML 32Page - ATMEL Corporation ATMEGA162 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 324 page
background image
29
2513L–AVR–03/2013
ATmega162/V
Figure 14. External Data Memory Cycles with SRWn1 = 0 and SRWn0 = 1
(1)
Note:
1. SRWn1 = SRW11 (upper sector) or SRW01 (lower sector), SRWn0 = SRW10 (upper sector) or
SRW00 (lower sector)
The ALE pulse in period T5 is only present if the next instruction accesses the RAM (internal
or external).
Figure 15. External Data Memory Cycles with SRWn1 = 1 and SRWn0 = 0(1)
Note:
1. SRWn1 = SRW11 (upper sector) or SRW01 (lower sector), SRWn0 = SRW10 (upper sector) or
SRW00 (lower sector).
The ALE pulse in period T6 is only present if the next instruction accesses the RAM (internal
or external).
ALE
T1
T2
T3
WR
T5
A15:8
Address
Prev. addr.
DA7:0
Address
Data
Prev. data
XX
RD
DA7:0 (XMBK = 0)
Data
Address
Data
Prev. data
Address
DA7:0 (XMBK = 1)
System Clock (CLKCPU)
T4
ALE
T1
T2
T3
WR
T6
A15:8
Address
Prev. addr.
DA7:0
Address
Data
Prev. data
XX
RD
DA7:0 (XMBK = 0)
Data
Address
Data
Prev. data
Address
DA7:0 (XMBK = 1)
System Clock (CLKCPU)
T4
T5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com