Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA162 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATMEGA162
Description  High-performance, Low-power AVR
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA162 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATMEGA162 Datasheet HTML 35Page - ATMEL Corporation ATMEGA162 Datasheet HTML 36Page - ATMEL Corporation ATMEGA162 Datasheet HTML 37Page - ATMEL Corporation ATMEGA162 Datasheet HTML 38Page - ATMEL Corporation ATMEGA162 Datasheet HTML 39Page - ATMEL Corporation ATMEGA162 Datasheet HTML 40Page - ATMEL Corporation ATMEGA162 Datasheet HTML 41Page - ATMEL Corporation ATMEGA162 Datasheet HTML 42Page - ATMEL Corporation ATMEGA162 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 324 page
background image
39
2513L–AVR–03/2013
ATmega162/V
Time-out. For more information on the pre-programmed calibration value, see the section “Cali-
bration Byte” on page 234.
Note:
1. The device is shipped with this option selected.
When this Oscillator is selected, start-up times are determined by the SUT Fuses as shown in
Table 12. XTAL1 and XTAL2 should be left unconnected (NC).
Note:
1. The device is shipped with this option selected.
Oscillator Calibration
Register – OSCCAL
• Bit 7 – Res: Reserved Bit
This bit is reserved bit in the ATmega162, and will always read as zero.
• Bits 6..0 – CAL6..0: Oscillator Calibration Value
Writing the calibration byte to this address will trim the Internal Oscillator to remove process vari-
ations from the Oscillator frequency. This is done automatically during Chip Reset. When
OSCCAL is zero, the lowest available frequency is chosen. Writing non-zero values to this regis-
ter will increase the frequency of the Internal Oscillator. Writing 0x7F to the register gives the
highest available frequency. The calibrated Oscillator is used to time EEPROM and Flash
access. If EEPROM or Flash is written, do not calibrate to more than 10% above the nominal fre-
quency. Otherwise, the EEPROM or Flash write may fail.
Table 11. Internal Calibrated RC Oscillator Operating Modes
CKSEL3:0
Nominal Frequency
0010
(1)
8.0 MHz
Table 12. Start-up Times for the Internal Calibrated RC Oscillator Clock Selection
SUT1:0
Start-up Time from Power-
down and Power-save
Additional Delay from
Reset (VCC = 5.0V)
Recommended Usage
00
6 CK
–
BOD enabled
01
6 CK
4.1 ms
Fast rising power
10(1)
6 CK
65 ms
Slowly rising power
11
Reserved
Bit
765
4321
0
–
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
OSCCAL
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
Device Specific Calibration Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com