Electronic Components Datasheet Search
  English  ▼

X  

AT32A Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT32A
Description  8-bit Microcontroller with 32KBytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32A Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT32A Datasheet HTML 35Page - ATMEL Corporation AT32A Datasheet HTML 36Page - ATMEL Corporation AT32A Datasheet HTML 37Page - ATMEL Corporation AT32A Datasheet HTML 38Page - ATMEL Corporation AT32A Datasheet HTML 39Page - ATMEL Corporation AT32A Datasheet HTML 40Page - ATMEL Corporation AT32A Datasheet HTML 41Page - ATMEL Corporation AT32A Datasheet HTML 42Page - ATMEL Corporation AT32A Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 336 page
background image
39
ATmega32A [DATASHEET]
Atmel-8155D-AVR-ATmega32A-Datasheet_02/2014
Figure 11-5. Brown-out Reset During Operation
11.2.4
Watchdog Reset
When the Watchdog times out, it will generate a short reset pulse of one CK cycle duration. On the falling edge of
this pulse, the delay timer starts counting the Time-out period t
TOUT. Refer to “Watchdog Timer” on page 42 for
details.
Figure 11-6. Watchdog Reset During Operation
11.3
Internal Voltage Reference
ATmega32A features an internal bandgap reference. This reference is used for Brown-out Detection, and it can be
used as an input to the Analog Comparator or the ADC. The 2.56V reference to the ADC is generated from the
internal bandgap reference.
11.3.1
Voltage Reference Enable Signals and Start-up Time
The voltage reference has a start-up time that may influence the way it should be used. The start-up time is given
in “System and Reset Characteristics” on page 299. To save power, the reference is not always turned on. The ref-
erence is on during the following situations:
1.
When the BOD is enabled (by programming the BODEN Fuse).
2.
When the bandgap reference is connected to the Analog Comparator (by setting the ACBG bit in ACSR).
3.
When the ADC is enabled.
Thus, when the BOD is not enabled, after setting the ACBG bit or enabling the ADC, the user must always allow
the reference to start up before the output from the Analog Comparator or ADC is used. To reduce power con-
sumption in Power-down mode, the user can avoid the three conditions above to ensure that the reference is
turned off before entering Power-down mode.
VCC
RESET
TIME-OUT
INTERNAL
RESET
VBOT-
VBOT+
tTOUT
CK
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com