Electronic Components Datasheet Search
  English  ▼

X  

HMMC-5021 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HMMC-5021
Description  2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HMMC-5021 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HMMC-5021 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HMMC-5021 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HMMC-5021 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HMMC-5021 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HMMC-5021 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HMMC-5021 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6-29
HMMC-5021/22/26 DC Specifications/Physical Properties,[1] applies to all part numbers
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
IDSS
Saturated Drain Current
mA
115
180
250
(VDD = 7.0 V, VG1 = 0 V, VG2 = open circuit)
Vp
First Gate Pinch-off Voltage
(VDD = 7.0 V, IDD = 16 mA, VG2 = open circuit)
V
-3.5
-1.5
-0.5
VG2
Second Gate Self-Bias Voltage
V
2.1
(VDD = 7.0 V, VG1 = 0 V)
IDSOFF
First Gate Pinch-off Current
(VG1)(VDD = 7.0 V, VG1 = -3.5 V, VG2 = open circuit)
mA
4
IDSOFF
Second Gate Pinch-Off Current
(VG2)(VDD = 5.0 V, VG1 = 0 V, VG2 = -3.5 V)
mA
8
θch-bs
Thermal Resistance
(Tbackside = 25
°C)
°C/W
36
Note:
1. Measured in wafer form with Tchuck = 25°C. (Except θch-bs.)
HMMC-5021/22/26 RF Specifications, V
DD = 7.0 V, IDD(Q) = 150 mA, Zin = Zo = 50 Ω
[1]
2.0 –22.0 GHz
2.0 –26.5 GHz
Symbol
Parameters/Conditions
Units
HMMC-5021
HMMC-5022
HMMC-5026
Typ.
Min.
Typ.
Max.
Min.
Typ.
Max.
BW
Guaranteed Bandwidth
GHz
2-22
2
22
2
26.5
S21
Small Signal Gain
dB
10
8.0
10
12
7.5
9.5
12
∆S21
Small Signal Gain Flatness
dB
± 0.5
± 0.5
± 1.0
± 0.75
± 1.0
RLin(min)
Minimum Input Return Loss
dB
16
10
16
10
14
RLout(min)
Minimum Output Return Loss
dB
13
10
13
10
13
Isolation
Minimum Reverse Isolation
dB
32
20
32
20
30
P-1dB
Output Power at 1 dB Gain Comp.
dBm
18
15
18
12
15
Psat
Saturated Output Power
dBm
20
17
20
14
17
Max. Second Harm. (2 <
ƒo<20),
H2(max)
[Po(
ƒo) = 17 dBm or P-1dB,
dBc
-25
-25
-20
-25
-20
whichever is less.]
Max. Third Harm. (2 <
ƒo< 20),
H3(max)
[Po(
ƒo) = 17 dBm or P-1dB,
dBc
-34
-34
-20
-34
-20
whichever is less.]
NF
Noise Figure
dB
8
8
10
Notes:
1. Small-signal data measured in wafer form with Tchuck = 25°C. Large-signal data measured on individual devices
mounted in an HP83040 Series Modular Microcircuit Package @ TA = 25°C.
2. Performance may be extended to lower frequencies through the use of appropriate off-chip circuitry. Upper -3 dB
corner frequency
≈ 29.5 GHz.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com