Electronic Components Datasheet Search
  English  ▼

X  

2561 Datasheet(PDF) 5 Page - NEC

Part # 2561
Description  HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2561 Datasheet(HTML) 5 Page - NEC

  2561 Datasheet HTML 1Page - NEC 2561 Datasheet HTML 2Page - NEC 2561 Datasheet HTML 3Page - NEC 2561 Datasheet HTML 4Page - NEC 2561 Datasheet HTML 5Page - NEC 2561 Datasheet HTML 6Page - NEC 2561 Datasheet HTML 7Page - NEC 2561 Datasheet HTML 8Page - NEC 2561 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
PS2561-1,-2,PS2561L-1,-2
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA
1.17
1.4
V
Reverse Current
IR
VR = 5 V
5
µA
Terminal Capacitance
Ct
V = 0 V, f = 1.0 MHz
50
pF
Transistor
Collector to Emitter Dark
Current
ICEO
VCE = 80 V, IF = 0 mA
100
nA
Coupled
Current Transfer Ratio
*1
CTR
IF = 5 mA, VCE = 5 V
80
200
400
%
Collector Saturation
Voltage
VCE (sat)
IF = 10 mA, IC = 2 mA
0.3
V
Isolation Resistance
RI-O
VI-O = 1.0 kV
10
11
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1.0 MHz
0.5
pF
Rise Time
*2
tr
VCC = 10 V, IC = 2 mA, RL = 100
Ω
3
µs
Fall Time
*2
tf
5
*1 CTR rank (only PS2561-1, PS2561L-1)
*2 Test circuit for switching time
L
: 200 to 400 (%)
M : 80 to 240 (%)
D : 100 to 300 (%)
H : 80 to 160 (%)
W : 130 to 260 (%)
VCC
VOUT
RL = 100
Ω
50
Ω
IF
µ
Pulse Input
PW = 100 s
Duty Cycle = 1/10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com