Electronic Components Datasheet Search
  English  ▼

X  

2561 Datasheet(PDF) 7 Page - NEC

Part # 2561
Description  HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2561 Datasheet(HTML) 7 Page - NEC

Back Button 2561 Datasheet HTML 3Page - NEC 2561 Datasheet HTML 4Page - NEC 2561 Datasheet HTML 5Page - NEC 2561 Datasheet HTML 6Page - NEC 2561 Datasheet HTML 7Page - NEC 2561 Datasheet HTML 8Page - NEC 2561 Datasheet HTML 9Page - NEC 2561 Datasheet HTML 10Page - NEC 2561 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
PS2561-1,-2,PS2561L-1,-2
1.2
–50
1.0
0.8
0.6
0.4
0.2
0
–25
0
25
50
75
100
450
400
350
300
250
200
150
100
50
0
0.05 0.1
0.5
1
5
10
50
50
10
1
0.1
10 k
5 k
1 k
500
100
50
10
1 000
100
10
1
100 k
50 k
10 k
5 k
1 k
500
100
0
–5
–10
–15
–20
0.5
1
2
5
10 20
50 100 200 500
,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,
IC = 2 mA,
VCC = 10 V,
CTR = 290 %
tf
tr
td
ts
IF = 5 mA,
VCC = 5 V,
CTR = 290 %
ts
td
tr
tf
IF = 5 mA,
VCE = 5 V
100
Ω
300
Ω
RL = 1 k
Ω
IF = 5 mA
TA = 25 ˚C
IF = 5 mA
TA = 60 ˚C
1.2
1.0
0.8
0.6
0.4
0.2
0
102
103
104
105
Normalized to 1.0
at TA = 25 ˚C,
IF = 5 mA, VCE = 5 V
Forward Current IF (mA)
Ambient Temperature TA (˚C)
Load Resistance RL (
Ω)
Frequency f (kHz)
Load Resistance RL (
Ω)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
SWITCHING TIME vs.
LOAD RESISTANCE
SWITCHING TIME vs.
LOAD RESISTANCE
FREQUENCY RESPONSE
LONG TIME CTR DEGRADATION
TYP.
Time (Hr)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com