Electronic Components Datasheet Search
  English  ▼

X  

HSMX-C650 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HSMX-C650
Description  Surface Mount Chip LEDs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMX-C650 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HSMX-C650 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMX-C650 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMX-C650 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMX-C650 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMX-C650 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMX-C650 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMX-C650 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1-215
Electrical Characteristics at T
A = 25°C
Forward
Reverse
Capacitance
Voltage
Breakdown
C (pF)
V
F (Volts)
V
R (Volts)
V
F = 0,
Thermal
Part
@ I
F = 20 mA
@ I
R = 100 µA
f = 1 MHz
Resistance
Number
Color
Typ.
Max.
Min.
Typ.
R
θ
J-PIN (°C/W)
HSMH-C650
DH AlGaAs
1.8
2.2
5
46
460
HSMH-C670
Red
300
HSMS-C650
High Efficiency
1.9
2.6
5
4.0
400
HSMS-C670
Red
250
HSMD-C650
Orange
2.1
2.6
5
4.0
400
HSMD-C670
250
HSMY-C650
Yellow
2.1
2.6
5
3.0
400
HSMY-C670
250
HSMG-C650
Green
2.2
3.0
5
8.0
400
HSMG-C670
250
HSMF-C655
High Efficiency
1.9
2.6
5
3.7
325
Red
Green
2.2
3.0
5
6.3
325
Figure 1. Relative Intensity vs. Wavelength.
ORANGE
AlGaAs RED
HIGH EFFICIENCY RED
GREEN
1.0
0.5
0
500
550
600
650
700
750
YELLOW



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com