Electronic Components Datasheet Search
  English  ▼

X  

HSMX-C650 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HSMX-C650
Description  Surface Mount Chip LEDs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMX-C650 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HSMX-C650 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMX-C650 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMX-C650 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMX-C650 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMX-C650 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMX-C650 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMX-C650 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1-212
H
Surface Mount Chip LEDs
Technical Data
HSMX-C650
HSMX-C670
HSMF-C655
Features
• Small Size
• Industry Standard
Footprint
• Low Profile
• Tinted, Diffused Optics
• Compatible with IR Solder
Process
• Five Colors and Bicolor
Available
• Available in 8 mm Tape on
7" (178 mm) Diameter
Reels
tinted diffused optics. The
bicolor package is untinted,
diffused.
The small size, low 1.1 mm
profile and wide viewing angle
make these LEDs excellent for
backlighting applications and
front panel illumination. They
are compatible with IR reflow
soldering processes.
Device Selection Guide
DH
High
Bicolor
Footprint
AlGaAs
Efficiency
HER-
(mm)
Red
Red
Orange
Yellow
Green
Green
3.20 x 1.60
HSMH-C650
HSMS-C650
HSMD-C650
HSMY-C650
HSMG-C650
2.00 x 1.25
HSMH-C670
HSMS-C670
HSMD-C670
HSMY-C670
HSMG-C670
3.20 x 2.70
HSMF-C655
5964-9360E
Applications
• Push-Button Backlighting
• LCD Backlighting
• Symbol Backlighting
• Front Panel Indicator
Description
These single and bicolor LEDs
are designed in an industry
standard package for ease of
handling and use. Five different
LED colors are available in two
compact, low profile, single color
packages. The 3.2 x 1.6 mm is
an excellent all around package,
and the small 2.0 x 1.25 mm
package is designed for applica-
tions where space is limited.
The single color LEDs have


Similar Part No. - HSMX-C650

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMX-C660 HP-HSMX-C660 Datasheet
191Kb / 8P
Right Angle Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-C660 AVAGO-HSMX-C660 Datasheet
157Kb / 7P
Right Angle Surface Mount Chip LEDs
More results

Similar Description - HSMX-C650

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
Surface Mount Chip LEDs
MSL-174UG UOT-MSL-174UG Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-194SO UOT-MSL-194SO Datasheet
33Kb / 2P
Surface Mount Chip LEDs
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
Surface Mount Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com