Electronic Components Datasheet Search
  English  ▼

X  

IXDN430MCI Datasheet(PDF) 10 Page - IXYS Corporation

Part # IXDN430MCI
Description  30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN430MCI Datasheet(HTML) 10 Page - IXYS Corporation

Back Button IXDN430MCI Datasheet HTML 4Page - IXYS Corporation IXDN430MCI Datasheet HTML 5Page - IXYS Corporation IXDN430MCI Datasheet HTML 6Page - IXYS Corporation IXDN430MCI Datasheet HTML 7Page - IXYS Corporation IXDN430MCI Datasheet HTML 8Page - IXYS Corporation IXDN430MCI Datasheet HTML 9Page - IXYS Corporation IXDN430MCI Datasheet HTML 10Page - IXYS Corporation IXDN430MCI Datasheet HTML 11Page - IXYS Corporation IXDN430MCI Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
IXDN430 / IXDI430 / IXDD430 / IXDS430
Figure 28 - IXDD430 Application Test Diagram
Figure 27 - Typical circuit to decrease di/dt during turn-off
10uH
Ld
0.1ohm
Rd
Rs
20nH
Ls
1ohm
Rg
10kohm
R+
VMO580-02F
High_Power
5kohm
Rcomp
100pF
C+
+
-
V+
V-
Comp
LM339
1600ohm
Rsh
Ccomp
1pF
VCC
VCCA
IN
EN
GND
OUT
IXDD430
+
-
VIN
+
-
VCC
+
-
REF
+
-
VB
CD4001A
NOR2
1Mohm
Ros
NOT2
CD4049A
CD4011A
NAND
CD4049A
NOT1
CD4001A
NOR1
CD4049A
NOT3
Low_Power
2N7002/PLP
1pF
Cos
0
S
R
EN
Q
One ShotCircuit
SR Flip-Flop
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com