Electronic Components Datasheet Search
  English  ▼

X  

IXDN430MCI Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXDN430MCI
Description  30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN430MCI Datasheet(HTML) 2 Page - IXYS Corporation

  IXDN430MCI Datasheet HTML 1Page - IXYS Corporation IXDN430MCI Datasheet HTML 2Page - IXYS Corporation IXDN430MCI Datasheet HTML 3Page - IXYS Corporation IXDN430MCI Datasheet HTML 4Page - IXYS Corporation IXDN430MCI Datasheet HTML 5Page - IXYS Corporation IXDN430MCI Datasheet HTML 6Page - IXYS Corporation IXDN430MCI Datasheet HTML 7Page - IXYS Corporation IXDN430MCI Datasheet HTML 8Page - IXYS Corporation IXDN430MCI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
IXDN430 / IXDI430 / IXDD430 / IXDS430
Figure 1C - IXDI430 (Inverting) Diagram
Figure 1A - IXDD430 (Non Inverting With Enable) Diagram
Figure 1B - IXDN430 (Non-Inverting) Diagram
Figure 1D - IXDS430 (Inverting and Non Inverting with Enable) Diagram
Notes: 1. Out P and Out N are connected together in the 5 lead TO-220 and TO-263 packages;
2. IXDS430: Undervoltage lock-out is set by UVSEL. UVSEL = Vcc, UVLO = 8.5V, UVSEL = OPEN, UVLO = 11.75V.
INV
400K
400K
1K
GND
GND
Vcc
Vcc
OUT N
OUT P
IN
EN
UVSEL
UVCC
1K
OUT
GND
GND
Vcc
Vcc
IN
EN
400k
UVCC
OUT
Vcc
1K
GND
GND
Vcc
IN
UVCC
OUT
Vcc
1K
GND
GND
Vcc
IN
UVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com