Electronic Components Datasheet Search
  English  ▼

X  

PS2801 Datasheet(PDF) 6 Page - NEC

Part # PS2801
Description  HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2801 Datasheet(HTML) 6 Page - NEC

Back Button PS2801 Datasheet HTML 2Page - NEC PS2801 Datasheet HTML 3Page - NEC PS2801 Datasheet HTML 4Page - NEC PS2801 Datasheet HTML 5Page - NEC PS2801 Datasheet HTML 6Page - NEC PS2801 Datasheet HTML 7Page - NEC PS2801 Datasheet HTML 8Page - NEC PS2801 Datasheet HTML 9Page - NEC PS2801 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
PS2801-1,PS2801-4
FREQUENCY RESPONSE
Frequency f (kHz)
–10
–20
–15
0
–5
0.5
2
10 20
500
15
50 100 200
IF = 5 mA,
VCE = 5 V
RL = 1 k
Ω
100
Ω
300
Ω
TYP.
IF = 5 mA
TA = 25 ˚C
IF = 20 mA
TA = 25 ˚C
IF = 5 mA
TA = 60 ˚C
LONG TERM CTR DEGRADATION
Time (Hr)
0.6
1.2
0.0
1.0
0.8
0.2
0.4
10
2
10
3
10
4
10
5
10
VCE = 5 V,
n = 3
0.02
100
0.1
1.0
10
100
200
50
150
250
300
Forward Current IF (mA)
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
Normalized to 1.0
at TA = 25 ˚C,
IF = 5 mA, VCE = 5 V
,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,
–50
0
100
–25
25
50
75
0.0
0.6
1.2
0.2
0.4
1.0
0.8
Ambient Temperature TA (˚C)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
tf
ts
tr
td
VCC = 5 V,
IC = 2 mA,
CTR = 236 %
0.01
0.05 0.1
0.5
15
10
0.1
100
50
10
5
1
0.5
Load Resistance RL (k
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
VCC = 5 V,
IF = 5 mA,
CTR = 236 %
0.1
1
10
100
1
0.1
10
100
1 000
Load Resistance RL (k
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
tf
ts
tr
td
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com