Electronic Components Datasheet Search
  English  ▼

X  

PS2801 Datasheet(PDF) 1 Page - NEC

Part # PS2801
Description  HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2801 Datasheet(HTML) 1 Page - NEC

  PS2801 Datasheet HTML 1Page - NEC PS2801 Datasheet HTML 2Page - NEC PS2801 Datasheet HTML 3Page - NEC PS2801 Datasheet HTML 4Page - NEC PS2801 Datasheet HTML 5Page - NEC PS2801 Datasheet HTML 6Page - NEC PS2801 Datasheet HTML 7Page - NEC PS2801 Datasheet HTML 8Page - NEC PS2801 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
The information in this document is subject to change without notice.
Document No. P12277EJ6V0DS00 (6th edition)
Date Published May 1998 NS CP(K)
Printed in Japan
PHOTOCOUPLER
PS2801-1,PS2801-4
HIGH ISOLATION VOLTAGE
SOP PHOTOCOUPLER
©
1991
−NEPOCTM Series−
The mark
•
•
•
• shows major revised points.
DESCRIPTION
The PS2801-1 and PS2801-4 are optically coupled isolators containing a GaAs light emitting diode and an NPN
silicon phototransistor in a plastic SOP for high density applications.
This package has shield effect to cut off ambient light.
FEATURES
• High isolation voltage (BV = 2 500 Vr.m.s.)
• Small and thin package (4,16-pin SOP, Pin pitch 1.27 mm)
• High collector to emitter voltage (VCEO = 80 V)
• High-speed switching (tr = 3
µs TYP., tf = 5 µs TYP.)
• UL approved: File No. E72422 (S)
• VDE0884 approved (Option): PS2801-4 only
• Operating number of taping product: PS2801-1-F3, F4, PS2801-4-F3, F4
APPLICATIONS
• Programmable logic controllers
• Measuring instruments
• Power supply
•Hybrid IC


Similar Part No. - PS2801

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
PS2801 ISOCOM-PS2801 Datasheet
1Mb / 10P
Half Pitch 1.27mm
logo
California Eastern Labs
PS2801-1 CEL-PS2801-1 Datasheet
429Kb / 13P
HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1 CEL-PS2801-1 Datasheet
251Kb / 17P
HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
December 2008
PS2801-1 CEL-PS2801-1 Datasheet
238Kb / 16P
HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801-1 RENESAS-PS2801-1 Datasheet
294Kb / 18P
HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
April 1st, 2010
More results

Similar Description - PS2801

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2701A-1 CEL-PS2701A-1_05 Datasheet
318Kb / 11P
HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2701A-1 NEC-PS2701A-1 Datasheet
120Kb / 13P
HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2705A-1 NEC-PS2705A-1 Datasheet
117Kb / 13P
HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2705A-1 CEL-PS2705A-1 Datasheet
835Kb / 13P
HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2703-1-K ETC2-PS2703-1-K Datasheet
300Kb / 13P
HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701A-1 RENESAS-PS2701A-1_15 Datasheet
191Kb / 14P
HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2705A-1 RENESAS-PS2705A-1_15 Datasheet
167Kb / 14P
HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2701A-1 RENESAS-PS2701A-1 Datasheet
5Mb / 15P
HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
PS2705A-1 RENESAS-PS2705A-1 Datasheet
5Mb / 15P
HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com