Electronic Components Datasheet Search
  English  ▼

X  

PDA2446 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # PDA2446
Description  Analog Pigtailed PIN Photodiodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

PDA2446 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  PDA2446 Datasheet HTML 1Page - Agilent(Hewlett-Packard) PDA2446 Datasheet HTML 2Page - Agilent(Hewlett-Packard) PDA2446 Datasheet HTML 3Page - Agilent(Hewlett-Packard) PDA2446 Datasheet HTML 4Page - Agilent(Hewlett-Packard) PDA2446 Datasheet HTML 5Page - Agilent(Hewlett-Packard) PDA2446 Datasheet HTML 6Page - Agilent(Hewlett-Packard) PDA2446 Datasheet HTML 7Page - Agilent(Hewlett-Packard) PDA2446 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
537
Performance Specifications
Absolute Limiting Ratings
Absolute (limiting) ratings mean that no catastrophic damage will occur if the product is subjected to these ratings for short periods, provided that
each limiting parameter is in isolation and all other parameters have values within the performance specification. It should not be assumed that
limiting values of more than one parameter can be applied to the product at the same time.
Parameter
Symbol
Minimum
Maximum
Units
Supply Voltage
VDD
-
5.5
V
Photodiode Voltage (Negative)
V pin
-
–7
V
Power Dissipation
-
-
350
mW
Operating Temperature
Tc
–40
+85
°C
Storage Temperature
Ts
–40
+85
°C
Soldering – 10 seconds
-
-
+260
°C
Fiber Pull
-
-
10
N
Performance Specifications[1]
Parameter
Minimum
Maximum
Units
Responsivity
0.75
-
A/W
Sensitivity[2]
52 Mb/s
–39
-
dBm
155 Mb/s
–36
Overload[2,3]
–7
-
dBm
Bandwidth
52 Mb/s
35
-
MHz
155 Mb/s
90
Output Impedance
30
60
ohms
VDD Supply Voltage
4.75
5.25
V
VDD Supply Current
-
50
mA
Photodiode Supply
–7
–4.5
V
Notes:
1. Measured over the operating temperature range and power supply tolerance.
2. Measured at the data rate specified for 1 x 10-10 using an infinite extinction ratio laser source modulated with a 223-1 PRBS pattern.
3. Higher overload performance available. Contact your local Hewlett-Packard Components representative for details.
Fiber Pigtail: Tight jacketed, self-mode stripping, multimode
Parameter
Minimum
Maximum
Units
Length
0.4
1.2
m
Core Diameter
47
53
µm
Cladding Diameter
122
128
µm
Concentricity Error
-
8
%
Secondary Jacket Diameter
0.8
1.0
mm
Schematic Diagram
3
4
VDD +5 V
2
1
GND
O/P
V pin -5 V
1. GND
2. VOUT
3. V pin
4. +VDD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com