Electronic Components Datasheet Search
  English  ▼

X  

PDA2446 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # PDA2446
Description  Analog Pigtailed PIN Photodiodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

PDA2446 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  PDA2446 Datasheet HTML 1Page - Agilent(Hewlett-Packard) PDA2446 Datasheet HTML 2Page - Agilent(Hewlett-Packard) PDA2446 Datasheet HTML 3Page - Agilent(Hewlett-Packard) PDA2446 Datasheet HTML 4Page - Agilent(Hewlett-Packard) PDA2446 Datasheet HTML 5Page - Agilent(Hewlett-Packard) PDA2446 Datasheet HTML 6Page - Agilent(Hewlett-Packard) PDA2446 Datasheet HTML 7Page - Agilent(Hewlett-Packard) PDA2446 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
533
PDA Pigtailed Photodiode Specifications
Absolute Maximum Ratings
Absolute maximum limits mean that no catastrophic damage will occur if the product is subjected to these ratings for short periods, provided that
each limiting parameter is in isolation and all other parameters have values within the performance specification. It should not be assumed that
limiting values of more than one parameter can be applied to the product at the same time.
Parameter
Symbol
Minimum
Maximum
Units
Reverse Voltage
Vr
-
20
V
Reverse Current
Ir
-
1
mA
Forward Voltage
Vf
-
1
V
Forward Current
If
-
5
mA
Power Dissipation
-
-
50
mW
Operating Temperature
Tc
–40
+85
°C
Storage Temperature
Ts
–40
+85
°C
Soldering – 10 seconds
-
-
+260
°C
Fiber Pull
-
-
10
N
Performance Specifications
Test Conditions:
Unless Otherwise Stated
PDA2446
Parameter
Symbol
Vr = 5 V, Tc = +25
°C
Min.
Max.
Units
Dark Current
Id
-
1
nA
Tc= +85
°C-
50
nA
Reverse Breakdown Voltage
Vbr
Ir = 10
µA35
-
V
Capacitance
C
1 MHz
-
1.7
pF
Responsivity
R
λ = 1300 nm
0.7
-
A/W
Operating Wavelength
λ
80% points
1200
1650
nM
Small Signal Bandwidth
Bw
1.5
-
GHz
Linearity
X1
Second Order
-
Vr = 15 V
-70
dBc
fl = 135 MHz
f2 = 190 MHz
70% Modulation
0 dBm Optical Power
Third Order
-
As above
-85
dBc
Fiber Pigtail: Tight jacketed, self-mode stripping, singlemode fiber
Parameter
Minimum
Maximum
Units
Length
1.0
-
m
Core Diameter
8
10
µm
Cladding Diameter
122
128
µm
Concentricity Error
-
8
%
Secondary Jacket Diameter
0.8
1.0
mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com