Electronic Components Datasheet Search
  English  ▼

X  

VTO-9130 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # VTO-9130
Description  Hyperabrupt Varactor-Tuned Oscillators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

VTO-9130 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  VTO-9130 Datasheet HTML 1Page - Agilent(Hewlett-Packard) VTO-9130 Datasheet HTML 2Page - Agilent(Hewlett-Packard) VTO-9130 Datasheet HTML 3Page - Agilent(Hewlett-Packard) VTO-9130 Datasheet HTML 4Page - Agilent(Hewlett-Packard) VTO-9130 Datasheet HTML 5Page - Agilent(Hewlett-Packard) VTO-9130 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
9-34
TO-8V Case Drawing
.50
DIA
.45
DIA
.20
0.22
MIN
.150
TYP
.300
TYP
GROUND
CASE
GROUND
V
.150
TYP
RF OUT
3
4
2
1
APPROXIMATE WEIGHT 1.7 GRAMS
+
.300
TYP
V TUNE
.017 +.002
–.001
GLASS RING
.060 DIA TYP
(3X)
NOTES (UNLESS OTHERWISE SPECIFIED):
1. DIMENSIONS ARE SPECIFIED IN INCHES
2. TOLERANCES:
xx
± .02
xxx
± .010
Test Fixtures for
TO-8 Packages
(TF 801/802)
Oscillators (VTO)
Features
• DC to 11 GHz Frequency
Range
• Connectorized Tuning Port
and RF Output
• Easy to Test Package
• Repeatable Performance
Applications
• Engineering
Characterization
• Incoming Inspection
• System Prototype
• Demonstration of Device
Performance
Description
To facilitate testing and
prototyping of products in the
TO-8V package, a series of test
fixtures is available. Designated
the HP TF Series test fixtures,
they feature rugged construction
for precise, repeatable
measurements.
The TF Series test fixtures come
supplied with mounting hardware
to ensure excellent ground
contact between the oscillator
package and test fixture. This
assures excellent contact between
package pins and test fixture
connector pins for reliable testing.
The device under test is aligned
according to Figure 13, and
pushed fully down onto the
fixture. The steel mounting ring
clamp is placed over the device
under test and secured by ma-
chine screws prior to testing.
Orientation of pins can be verified
by comparison with part (c) of
Figure 13. It is recommended that
both machine screws be used to
fasten the ring clamp. Screws
should be tightened down snugly
with a jewelers type screwdriver.
For different connector options
check the table in Figure 13 to
identify the correct part numbers.
It should be noted that some
output power variation may be
seen, from unit data, at frequen-
cies above 8 GHz. This is
due to small differences in lengths
of test fixture RF output
connector pins.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com