Electronic Components Datasheet Search
  English  ▼

X  

VTO-9130 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # VTO-9130
Description  Hyperabrupt Varactor-Tuned Oscillators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

VTO-9130 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  VTO-9130 Datasheet HTML 1Page - Agilent(Hewlett-Packard) VTO-9130 Datasheet HTML 2Page - Agilent(Hewlett-Packard) VTO-9130 Datasheet HTML 3Page - Agilent(Hewlett-Packard) VTO-9130 Datasheet HTML 4Page - Agilent(Hewlett-Packard) VTO-9130 Datasheet HTML 5Page - Agilent(Hewlett-Packard) VTO-9130 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
9-32
Typical Performance @ 25ºC Case Temperature
–40
1K
10K
100K
1M
10M
FOURIER FREQUENCY, Hz
FOURIER FREQUENCY, Hz
FOURIER FREQUENCY, Hz
Figure 2. VTO-9032 Normalized Phase Noise
@ 640 MHz S.S.B. Power Spectral Density.
–60
–80
–100
–120
–140
–160
–40
1K
10K
100K
1M
10M
Figure 4. VTO-9050 Normalized Phase Noise
@ 1000 MHz S.S.B. Power Spectral Density.
–60
–80
–100
–120
–140
–160
–40
1K
10K
100K
1M
10M
Figure 6. VTO-9068 Normalized Phase Noise
@ 1360 MHz S.S.B. Power Spectral Density.
–60
–80
–100
–120
–140
–160
17
0
Figure 1. VTO-9032 Power Output, Frequency
and Modulation Sensitivity vs. Tuning Voltage
15
11
500
0
1000
13
5
101520
25
0
100
16
0
Figure 3. VTO-9050 Power Output, Frequency
and Modulation Sensitivity vs. Tuning Voltage.
14
10
500
0
1500
12
2
468
20
0
100
1000
10
12
14
16 18
11
0
Figure 5. VTO-9068 Power Output, Frequency and
Modulation Sensitivity vs. Tuning Voltage.
10
8
962
786
1374
9
24
68
20
20
40
1178
10 12 14 16 18
7
590
22
60
80
100
TUNING VOLTAGE, VDC
POWER OUTPUT
TUNING CURVE
MODULATION
SENSITIVITY
TUNING VOLTAGE, VDC
POWER OUTPUT
TUNING CURVE
MODULATION
SENSITIVITY
TUNING VOLTAGE, VDC
POWER OUTPUT
TUNING CURVE
MODULATION
SENSITIVITY



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com