Electronic Components Datasheet Search
  English  ▼

X  

ICS83052I Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS83052I
Description  2 1 single-ended multiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83052I Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS83052I Datasheet HTML 7Page - Integrated Device Technology ICS83052I Datasheet HTML 8Page - Integrated Device Technology ICS83052I Datasheet HTML 9Page - Integrated Device Technology ICS83052I Datasheet HTML 10Page - Integrated Device Technology ICS83052I Datasheet HTML 11Page - Integrated Device Technology ICS83052I Datasheet HTML 12Page - Integrated Device Technology ICS83052I Datasheet HTML 13Page - Integrated Device Technology ICS83052I Datasheet HTML 14Page - Integrated Device Technology ICS83052I Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ICS83052I REVISION B DECEMBER 8, 2011
11
©2011 Integrated Device Technology, Inc.
ICS83052I Data Sheet
2:1, SINGLE ENDED MULTIPLEXER
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS830521I.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the ICS830521I is the sum of the core power plus the analog power plus the power
dissipated in the load(s).
The following is the power dissipation for V
DD
= 3.3V + 5% = 3.465V, which gives worst case results.
Core and LVDS Output Power Dissipation
• Power (core)
MAX
= V
DD_MAX
* (I
DD
+ I
DDo
) = 3.4565V * (40mA + 5mA) = 155.93mW
• Output Impedance R
OUT
Power Dissipation due to Loading 50
Ω to V
DD
/2
Output Current I
OUT = VDDO_MAX / [2 * (50Ω + ROUT)] = 3.465 / [2 * (50Ω + 15Ω)] = 26.7mA
• Power Dissipation on the R
OUT per LVCMOS output
Power (R
OUT) = ROUT * (IOUT)
2
= 15
Ω * (26.7mA)2 = 10.7mW
Dynamic Power Dissipation at 250MHz
• Power (250MHz) = C
PD * frequency * (VDD)
2
= 18pF * 250MHz * (3.465V)2 = 54.0mW
Total Power Dissipation
• Total Power
= Power (core)
MAX + Power (R
OUT)
Total Power + Power (250MHz)
= 155.93mW + 10.7mW + 54.0mW
=220.6mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com