Electronic Components Datasheet Search
  English  ▼

X  

E13 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # E13
Description  5 current ratings
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

E13 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  E13 Datasheet HTML 1Page - Cherry Semiconductor Corporation E13 Datasheet HTML 2Page - Cherry Semiconductor Corporation E13 Datasheet HTML 3Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GENERAL PURPOSE — SINGLE & DOUBLE POLE
E Series
Features
5 current ratings
Choice of actuator styles
3 terminal types (optional screw
terminals available — consult factory)
3 contact arrangements
Long-life coil spring mechanism
High-temperature 150°C and 200°C
available on select models (consult factory)
Specifications
Electrical
Temperature Rating:
105°C Std. (150°C and 200°C optional — E13, E14, E19, E20, G13)
85°C Std. (E28 and E29), 85°C Std. (150°C optional) E25
Flammability Rating:
UL94HB
Materials
Case:
General Purpose Phenolic
Actuating Button:
Thermoplastic Nylon
Common Terminals:
Brass (E13, E19, E19A, G13, G20), Silver-Plated Brass (E14, E20),
Silver-Plated Copper (E28, E29, E30)
NO and NC Terminals:
Brass (E13, E19, E19A, G13, G20)
Copper (E14, E20, E28, E29, E30)
Moving Blade:
Brass (E13, E19, E19A, G13, G20)
Silver-Plated Beryllium Copper (E14, E20, E28, E29, E30)
Spring:
Stainless Steel
Auxiliary Actuators:
Cold-Rolled Steel (Nickel-Plated)
Roller:
Sintered Stainless Steel
Contacts:
Gold Crosspoint (G13, G20, E19A)
Silver-Cadmium Oxide (E13, E14, E19, E19A, E20, E28, E29, E30)
Silver Alloy (E19A, E29, E30)
Electrical Ratings
Electrical Life at Rated Load
Switch
According to VDE
According to UL
Series
EN61058 Rating
UL1054 Rating
(Min. Operations)
(Min. Operations)
E13/E19
N/A
15A, 125/250VAC; 3/4HP, 125VAC
N/A
6,000*
1-1/2HP, 250VAC; 2A, 48 VDC (E13 Only)**
E19A
N/A
15A, 125/250VAC; 3/4HP, 125VAC; 1-1/2HP, 250VAC
N/A
6,000
(mixed ratings)
0.1A, 125VAC
E14/E25
N/A
25A, 125/250VAC; 1HP, 125VAC
N/A
6,000
2HP, 250VAC; 2A, 48VDC (E14 Only)**
E20
N/A
20A, 125/250VAC; 1HP, 125VAC
N/A
6,000
2HP, 250VAC
E28/E29
N/A
30.1A, 125/250/277VAC
N/A
6,000
(UL Approved Only — Resistive Load Only)
E30
N/A
30.1A, 125/250VAC; 1HP, 125VAC
N/A
6,000
2HP, 250VAC (UL Only)
G13/G20
N/A
0.1A, 125VAC
N/A
6,000*
0.1A, 30VDC (G13 Only)
*Indicates 100K life available.
**100K Hi-temp not available


Similar Part No. - E13

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
E13 DBLECTRO-E13 Datasheet
447Kb / 2P
D-SUM PCB RIGHT ANGLE(9.4MM W/O REAR COVER)
logo
ZF Friedrichshafen AG
E13 ZFSWITCHES-E13 Datasheet
307Kb / 3P
Single Pole General Purpose
E13-00A0 ZFSWITCHES-E13-00A0 Datasheet
307Kb / 3P
Single Pole General Purpose
logo
Cherry Semiconductor Co...
E13-00E0 CHERRY-E13-00E0 Datasheet
361Kb / 3P
Snap Action Switch Single Pole General Purpose
logo
ZF Friedrichshafen AG
E13-00E0 ZFSWITCHES-E13-00E0 Datasheet
307Kb / 3P
Single Pole General Purpose
More results

Similar Description - E13

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
679 MICROSEMI-679_10 Datasheet
807Kb / 3P
Current ratings to 25A
logo
Littelfuse
V05E11P LITTELFUSE-V05E11P Datasheet
778Kb / 2P
Superior Peak Surge Current Ratings in Small Disc Sizes
logo
List of Unclassifed Man...
GNR30DCZ ETC2-GNR30DCZ Datasheet
618Kb / 6P
Current ratings 10, 20 and 30 amps
logo
NIHON DEMPA KOGYO
NSF03B60 NDK-NSF03B60 Datasheet
194Kb / 1P
Maximum Ratings
logo
Cherry Semiconductor Co...
E33-00K CHERRY-E33-00K Datasheet
1Mb / 5P
8 Contact Ratings DC ratings optional
E19-00K CHERRY-E19-00K Datasheet
3Mb / 3P
5 current ratings
logo
Vincotech
V23990-P629-FXX-PM VINCOTECH-V23990-P629-FXX-PM Datasheet
715Kb / 11P
Maximum Ratings
logo
Illinois Capacitor, Inc...
PWS ILLINOISCAPACITOR-PWS Datasheet
193Kb / 3P
Low ESR - High Current ??High pulse current ratings
logo
API Technologies Corp
54-848-005 APITECH-54-848-005 Datasheet
252Kb / 2P
Current ratings up to 100 Amps
logo
Crydom Inc.,
GNR10DHZ CRYDOM-GNR10DHZ Datasheet
1Mb / 6P
Current ratings of 10, 20 and 30 amps
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com