Electronic Components Datasheet Search
  English  ▼

X  

E13 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # E13
Description  5 current ratings
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

E13 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  E13 Datasheet HTML 1Page - Cherry Semiconductor Corporation E13 Datasheet HTML 2Page - Cherry Semiconductor Corporation E13 Datasheet HTML 3Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
50
Dimensions — Double Pole inches (mm)
Actuators — Double Pole
Standard type integral hinged lever and
roller actuators are available in choice of
two mounting positions. Actuation lengths
are dimensioned from centerline of switch
mounting hole as shown.
“J” & “M” Type
Optional Hardware — Double Pole
Brass Hex Nut
0012-0023
Brass Knurled Nut
0012-0025
Brass Hex Nut
0012-0028
(Nickel-Plated)
Brass Knurled Nut
0012-0026
(Nickel-Plated)
Star Washer (Lock Washer)
0012-0073
Specifications subject to change without notice.
Ordering Information
Select the current rating you need. Combine
the corresponding Series/Prefix number
with the appropriate suffix number for the
switch you need. Note: Consult factory for
part number when ordering E19A switches.
Mounting — Double Pole
Recommended mounting screw: #6-32
round head. Recommended torque on
screw: 6 inch lbs. max. Recommended
maximum torque for ferrule: 20 inch pounds.
Circuitry — Double Pole
Contact arrangement available in choice of
single pole double throw or single pole sin-
gle throw, either normally open or normally
closed. In general, normally open may be
specified by changing suffix number from
00 to 01 and normally closed by changing
suffix number to 02.
Example: E19-00A is double throw,
E19-01A is normally open, and E19-02A
is normally closed.
Terminals — Double Pole
Standard 0.250″ x 0.032″ (6.35mm x 0.81mm)
[Optional 0.187″ x 0.032″ (4.75mm x 0.81mm)]
QC terminals can be furnished with angle
formed up or down on common as well as
open or closed terminal. Forms include
straight 30°, 45°, 85° up or down. Other
forms can be provided.
Actuator Specifications — Double Pole
Each Pole
Maximum Maximum
Operating
Minimum
Max. Movement Actuation
Operating
Pretravel
Point*
Overtravel
Differential
Length
Series/
Actuator
Switch
Force
inches
inches
inches
inches
inches
Prefix
Type
Type
(g)
(mm)
(mm)
(mm)
(mm)
(mm)
E19/G20
–00A
850
0.050
0.285±0.030
0.080
0.015
—
(1.27)
(7.24±0.76)
(2.03)
(0.38)
E20/E28
1280
0.100
0.248±0.030
0.050
0.015
—
(2.54)
(6.30±0.76)
(1.27)
(0.38)
E19/G20
–-00J
850
0.050
0.670±0.030
0.080
0.015
—
(1.27)
(17.02±0.76)
(2.03)
(0.38)
E20/E28†
1280
0.100
0.630±0.030
0.050
0.015
—
(2.54)
(16.00±0.76)
(1.27)
(0.38)
E19/G20
–00M
850
0.050
0.812±0.030
0.218
0.015
—
(1.27)
(20.62±0.76)
(5.54)
(.038)
E20/E28†
1280
0.100
0.774±0.030
0.188
0.015
—
(2.54)
(19.66±0.76)
(4.78)
(0.38)
E19/G20
–00H
205
0.275
0.312±0.062
0.187
0.093
1.500
(6.99)
(7.92±1.57)
(4.75)
(2.36)
(38.10)
E20/E28†
425
0.330
0.468±0.062
0.156
0.050
0.821
(8.38)
(11.89±1.57)
(3.96)
(1.27)
(20.85)
E19/G20
–50H
130
0.400
0.281±0.062
0.187
0.140
1.750
(10.16)
(7.14±1.57)
(4.75)
(3.56)
(44.45)
E20/E28†
285
0.600
0.437±0.062
0.156
0.080
1.071
(15.24)
(11.10±1.57)
(3.96)
(2.03)
(27.20)
E19/G20
–00K
212
0.250
0.718±0.062
0.187
0.093
1.391
(6.35)
(18.24±1.57)
(4.75)
(2.36)
(35.33)
E20/E28†
425
0.348
0.860±0.062
0.156
0.045
0.688
(8.84)
(21.84±1.57)
(3.96)
(1.14)
(17.48)
E19/G20
–50K
150
0.312
0.687±0.062
0.187
0.140
1.625
(7.92)
(17.45±1.57)
(4.75)
(3.56)
(41.28)
E20/E28†
312
0.525
0.828±0.062
0.146
0.075
0.943
(13.34)
(21.03±1.57)
(3.71)
(1.91)
(23.95)
* Measured above reference line. Refer to dimensional drawing above.
**Actuator tolerance ±.0.031 inches (0.79mm).
†E20 and E28 actuators are shorter and formed up 15° at the button.
Contact factory for E25 specifications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com