Electronic Components Datasheet Search
  English  ▼

X  

LADN13 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LADN13
Description  TeSys D - auxiliary contact block - 1 NO 3 NC - screw clamp terminals
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LADN13 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LADN13 Datasheet HTML 1Page - List of Unclassifed Manufacturers LADN13 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Environment
Environmental characteristic
Normal environment
Standards
BS 4794
EN 60947-5-1
IEC 60947-5-1
NF C 63-140
VDE 0660
Product certifications
CSA
UL
IP degree of protection
IP2x conforming to VDE 0106
Protective treatment
TH conforming to IEC 60068
Ambient air temperature for operation
-5...60 °C
Ambient air temperature for storage
-60...80 °C
Operating altitude
3000 m without derating in temperature



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com