Electronic Components Datasheet Search
  English  ▼

X  

LADN13 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LADN13
Description  TeSys D - auxiliary contact block - 1 NO 3 NC - screw clamp terminals
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LADN13 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LADN13 Datasheet HTML 1Page - List of Unclassifed Manufacturers LADN13 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Feb 3, 2012
1
Product data sheet
Characteristics
LADN13
TeSys D - auxiliary contact block - 1 NO + 3
NC - screw clamp terminals
Main
Range of product
TeSys D
TeSys D control relay
TeSys F
Product or component
type
Auxiliary contact block
Product compatibility
CR1F
LC1F
TeSys D contactor
TeSys D reversing contactor
Pole contact composi-
tion
1 NO + 3 NC
Connections - terminals
Screw clamp terminals 1 cable 1...2.5 mm² - cable
stiffness: flexible - with cable end
Screw clamp terminals 1 cable 1...2.5 mm² - cable
stiffness: flexible - without cable end
Screw clamp terminals 1 cable 1...2.5 mm² - cable
stiffness: solid - with cable end
Screw clamp terminals 1 cable 1...2.5 mm² - cable
stiffness: solid - without cable end
Screw clamp terminals 2 cable 1...2.5 mm² - cable
stiffness: flexible - with cable end
Screw clamp terminals 2 cable 1...2.5 mm² - cable
stiffness: flexible - without cable end
Screw clamp terminals 2 cable 1...2.5 mm² - cable
stiffness: solid - with cable end
Screw clamp terminals 2 cable 1...2.5 mm² - cable
stiffness: solid - without cable end
Complementary
Mounting location
Front
[Ui] rated insulation voltage
600 V - certifications UL
690 V - conforming to IEC 60947-5-1
600 V - certifications CSA
[Ue] rated operational voltage
690 V AC 25...400 Hz
[Ith] conventional free air thermal current
10 A at <= 60 °C
Irms rated making capacity
140 A at <= 690 V AC conforming to IEC 60947-5-1
250 A at <= 690 V DC conforming to IEC 60947-5-1
Permissible short-time rating
100 A at -5...60 °C 1 s
120 A at -5...60 °C 500 ms
140 A at -5...60 °C 100 ms
Protection type
GG fuse <= 10 A rating according to operational current for Ue <= 690 V
Associated fuse rating
IEC 60947-5-1
Mechanical durability
30 Mcycles
Minimum switching current
5 mA
Minimum switching voltage
17 V
Non-overlap time
1.5 ms on de-energisation (no overlap between NC and NO contact)
1.5 ms on energisation (no overlap between NC and NO contact)
Overlap time
1.5 ms
Insulation resistance
> 10 MOhm
Product weight
0.05 kg


Similar Part No. - LADN13

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LADN13 SCHNEIDER-LADN13 Datasheet
191Kb / 5P
Auxiliary contact block, TeSys D, 1NO 3NC, front mounting, screw clamp terminals
Sep 7, 2021
LADN133 SCHNEIDER-LADN133 Datasheet
136Kb / 3P
Auxiliary contact block, TeSys D, 1NO 3NC, front mounting, spring terminals
Sep 7, 2021
More results

Similar Description - LADN13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LADN20 ETC2-LADN20 Datasheet
53Kb / 2P
auxiliary contact block TeSys D - 2 NO - screw clamp terminals
logo
Schneider Electric
LADN31 SCHNEIDER-LADN31 Datasheet
160Kb / 5P
TeSys D, auxiliary contact block, 3 NO and 1 NC, top mount, screw clamp terminals, for LC1D09 to LC1D150 contactors
Sep 7, 2021
LADR4 SCHNEIDER-LADR4 Datasheet
117Kb / 2P
TeSys D - time delay auxiliary contact block - 1NO 1 NC screw clamp terminals
Aug 11, 2019
LADS2 SCHNEIDER-LADS2 Datasheet
116Kb / 2P
TeSys D - time delay auxiliary contact block - 1NO 1 NC screw clamp terminals
Aug 17, 2019
LADT4 SCHNEIDER-LADT4 Datasheet
116Kb / 2P
TeSys D - time delay auxiliary contact block - 1NO 1 NC screw clamp terminals
Aug 17, 2019
LADN119 SCHNEIDER-LADN119 Datasheet
95Kb / 2P
TeSys D - auxiliary contact block - 1 NO 1 NC - Faston terminals
Aug 17, 2019
LADN319 SCHNEIDER-LADN319 Datasheet
115Kb / 2P
TeSys D - auxiliary contact block - 3 NO 1 NC - Faston terminals
Aug 15, 2019
LADR43 SCHNEIDER-LADR43 Datasheet
126Kb / 2P
TeSys D - time delay auxiliary contact block - 1 NO 1 NC spring terminals
Aug 10, 2019
LADT03 SCHNEIDER-LADT03 Datasheet
126Kb / 2P
TeSys D - time delay auxiliary contact block - 1 NO 1 NC spring terminals
Aug 10, 2019
LADT23 SCHNEIDER-LADT23 Datasheet
126Kb / 2P
TeSys D - time delay auxiliary contact block - 1 NO 1 NC spring terminals
Aug 17, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com