Electronic Components Datasheet Search
  English  ▼

X  

HD122 Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # HD122
Description  NPN EPITAXIAL SILION DARLINGTON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HD122 Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  HD122 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HD122 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HD122 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HD122 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data
Issued Date : 1998.12.01
Revised Date : 2000.10.01
Page No. : 2/4
HSMC Product Specification
Characteristics Curve
Collector Gain & Collector Current
1
10
100
1000
10000
1
10
100
1000
10000
Collector Current-IC (mA)
-40°C hFE @ VCE=4V
25°C hFE @ VCE=4V
Sturation Voltage & Collector Current
100
1000
10000
100
1000
10000
Collector Current-IC (mA)
-40°C VCE(sat) @ IC=100IB
25°C VCE(sat) @ IC=100IB
Sturation Voltage & Collector Current
100
1000
10000
100
1000
10000
Collector Current-IC (mA)
25¢
XC VBE(sat) @ IC=100IB
-40¢
XC VBE(sat) @ IC=100IB
On Voltage & Collector Current
100
1000
10000
10
100
1000
10000
Collector Current-IC (mA)
25¢
XC VBE(on) @ VCE=4V
-40¢
X
C VBE(on) @ VCE=4V
Switching Time & Collector Current
0.1
1
10
110
Collector Current-IC (A)
Tstg
VCC=30V, IC=250, IB1= -250IB2
Tf
Ton
Capacitance & Reverse-Biased Voltage
10
100
1000
0.1
1
10
100
Reverse-Biased Voltage (V)
Cob



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com