Electronic Components Datasheet Search
  English  ▼

X  

HD122 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HD122
Description  NPN EPITAXIAL SILION DARLINGTON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HD122 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HD122 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HD122 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HD122 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HD122 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data
Issued Date : 1998.12.01
Revised Date : 2000.10.01
Page No. : 1/4
HSMC Product Specification
HD122
NPN EPITAXIAL SILICON DARLINGTON TRANSISTOR
Description
The HD122 is designed for medium power linear and switching
applications.
Absolute Maximum Ratings (Ta=25
°C)
• Maximum Temperatures
Storage Temperature ............................................................................................ -50 ~ +150
°C
Junction Temperature ................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Tc=25
°C) .................................................................................... 40 W
• Maximum Voltages and Currents
BVCBO Collector to Base Voltage .................................................................................... 100 V
BVCEO Collector to Emitter Voltage................................................................................. 100 V
BVEBO Emitter to Base Voltage ........................................................................................... 5 V
IC Collector Current .............................................................................................................. 4 A
IC Collector Current (Pulse) .............................................................................................. 0.1 A
Electrical Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
100
-
-
V
IC=1mA
*BVCEO
100
-
-
V
IC=100mA
BVEBO
5
-
-
V
IE=100uA
ICEO
-
-
2
mA
VCE=50V
ICBO
-
-
1
mA
VCB=100V
IEBO
-
-
2
mA
VBE=5V
*VCE(sat)1
-
-
2.5
V
IC=1.5A, IB=30mA
*VCE(sat)2
-
-
2.8
V
IC=2A, IB=40mA
*VBE(on)
-
-
2.5
V
IC=3A, VCE=3V
*hFE1
1000
-
-
IC=0.5A, VCE=3V
*hFE2
1000
-
-
IC=3A, VCE=3V
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%


Similar Part No. - HD122

ManufacturerPart #DatasheetDescription
logo
CUI Devices
HD12-19-SMT-TR CUID-HD12-19-SMT-TR Datasheet
474Kb / 5P
HDMI RECEPTACLE
07/26/2023
logo
SL Power Electronics
HD12-6.8-A+ SLPOWER-HD12-6.8-A+ Datasheet
720Kb / 7P
Commercial/Medical International Linears
HD12-6.8-A+G SLPOWER-HD12-6.8-A+G Datasheet
374Kb / 7P
DC Power Supplies
logo
Power-One
HD12-6.8-AG POWER-ONE-HD12-6.8-AG Datasheet
478Kb / 9P
Linear Power Supplies Data Sheet
logo
Guangdong Huixin Electr...
HD12N20L HUIXIN-HD12N20L Datasheet
793Kb / 7P
200V Logic Level N-Channel MOSFET
More results

Similar Description - HD122

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSE800 FAIRCHILD-KSE800 Datasheet
73Kb / 3P
NPN EPITAXIAL SILICON DARLINGTON TRANSISTOR
logo
List of Unclassifed Man...
2SD1210 ETC-2SD1210 Datasheet
41Kb / 1P
NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
2SD1392 ETC-2SD1392 Datasheet
69Kb / 2P
NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
2SD1672 ETC-2SD1672 Datasheet
34Kb / 1P
NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
TIP100 FAIRCHILD-TIP100_08 Datasheet
551Kb / 5P
NPN Epitaxial Silicon Darlington Transistor
TIP120 FAIRCHILD-TIP120_08 Datasheet
540Kb / 5P
NPN Epitaxial Darlington Transistor
495220TU FAIRCHILD-495220TU Datasheet
99Kb / 2P
NPN Epitaxial Silicon Darlington Transistor
KSP13BU FAIRCHILD-KSP13BU Datasheet
39Kb / 4P
NPN Epitaxial Silicon Darlington Transistor
logo
New Jersey Semi-Conduct...
TIP140T NJSEMI-TIP140T Datasheet
69Kb / 2P
NPN Epitaxial Silicon Darlington Transistor
logo
Fairchild Semiconductor
TIP120TU FAIRCHILD-TIP120TU Datasheet
168Kb / 5P
NPN Epitaxial Darlington Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com