Electronic Components Datasheet Search
  English  ▼

X  

DAC10 Datasheet(PDF) 4 Page - Analog Devices

Part # DAC10
Description  10-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC10 Datasheet(HTML) 4 Page - Analog Devices

  DAC10 Datasheet HTML 1Page - Analog Devices DAC10 Datasheet HTML 2Page - Analog Devices DAC10 Datasheet HTML 3Page - Analog Devices DAC10 Datasheet HTML 4Page - Analog Devices DAC10 Datasheet HTML 5Page - Analog Devices DAC10 Datasheet HTML 6Page - Analog Devices DAC10 Datasheet HTML 7Page - Analog Devices DAC10 Datasheet HTML 8Page - Analog Devices DAC10 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DAC10
–4–
REV. D
ABSOLUTE MAXIMUM RATINGS
1
Operating Temperature
DAC10FX, GX, GS, GP . . . . . . . . . . . . . . . . 0
°C to +70°C
Junction Temperature (TJ) . . . . . . . . . . . . . –65°C to +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . +300
°C
V+ Supply to V– Supply . . . . . . . . . . . . . . . . . . . . . . . . . 36 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . V– to V– plus 36 V
VLC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V– to V+
Analog Current Outputs . . . . . . . . . . . . . . . . +18 V to –18 V
Reference Inputs (V16 to V17) . . . . . . . . . . . . . . . . . V– to V+
Reference Input Differential Voltage (V16 to V17) . . . .
±18 V
Reference Input Current (I16) . . . . . . . . . . . . . . . . . . 2.5 mA
Package Type
JA
2
JC
Units
18-Lead Hermetic DIP (X)
48
15
°C/W
18-Lead SOIC (S)
89
28
°C/W
18-Lead Plastic DIP (P)
74
33
°C/W
NOTES
1Absolute maximum ratings apply to both DICE and packaged parts, unless
otherwise noted.
2
θ
JA is specified for worst case mounting conditions, i.e., θJA is specified for device
in socket for Cerdip packages.
ORDERING GUIDE
INL
Temperature
Package
Package
Model
(LSB)
Range
Description Options
DAC10FX
0.5
0
°C to +70°C Cerdip
Q-18
DAC10GX
1
0
°C to +70°C Cerdip
Q-18
DAC10GS
1
0
°C to +70°C SOIC
R-18
DAC10GP
1
0
°C to +70°C Plastic DIP N-18
PIN CONNECTIONS
18-Lead Hermetic DIP
18-Lead Plastic DIP
18-Lead SOIC
TOP VIEW
(Not to Scale)
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
DAC10
B5
B4
VLC
IO
V–
IO
B3
B2
(MSB) B1
B6
B7
COMP
VREF(–)
VREF(+)
V+
B8
B9
B10 (LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com